Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7411 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7411 Datasheet HTML 1Page - STMicroelectronics TDA7411 Datasheet HTML 2Page - STMicroelectronics TDA7411 Datasheet HTML 3Page - STMicroelectronics TDA7411 Datasheet HTML 4Page - STMicroelectronics TDA7411 Datasheet HTML 5Page - STMicroelectronics TDA7411 Datasheet HTML 6Page - STMicroelectronics TDA7411 Datasheet HTML 7Page - STMicroelectronics TDA7411 Datasheet HTML 8Page - STMicroelectronics TDA7411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5/43
TDA7411
ELECTRICAL CHARACTERISTICS
(VS = 8V; Tamb = 25°C; RL = 10KΩ; all gains = 0dB; f = 1KHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SELECTOR
Rin
Input Resistance
all inputs except Phone
70
100
130
K
Ω
VCL
Clipping Level
THD < 0.3%
1.6
1.7
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-0.5
0
0.5
dB
GIN MAX
Max. Input Gain
14
15
16
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
VDC
DC Steps
Adjacent Gain Step
-5
0.5
5
mV
GMIN to GMAX
-10
5
10
mV
FULL AND QUASI DIFFERENTIAL STEREO INPUT
Rin
Input Resistance (see Figure 1)
Differential
70
100
130
K
Ω
Common Mode
70
100
130
K
Ω
CMRR
Common Mode Rejection Ratio
VCM = 1VRMS @ 1KHz
45
70
dB
VCM = 1VRMS @ 10KHz
45
60
dB
eN
Output Noise @ Speaker Outputs 20Hz to 20KHz flat; all stages 0dB
915
µV
MONO DIFFERENTIAL INPUT (NV and MD in differential mode)
Rin
Input Resistance
Differential
40
56
K
Ω
CMRR
Common Mode Rejection Ratio
VCM = 1VRMS @ 1KHz
40
70
dB
VCM = 1VRMS @ 10KHz
40
60
dB
VOLUME CONTROL
GMAX
Max Gain
14
15
16
dB
AMAX
Max Attenuation
74
79
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G = -20 to +20dB
-1.25
0
+1.25
dB
G = -60 to +20dB
-4
0
+3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
SOFT MUTE/AFS
AMUTE
Mute Attenuation
80
100
dB
TD
Delay Time
T1
0.24
ms
T2
0.48
ms
T3
10.1
ms
T4
20.2
ms
VTH low
Low Threshold for Mute/AFS-Pin1
1V
VTH high
High Threshold for SM -Pin
1.8
V
VTH high
High Threshold for AFS -Pin
2.4
V
VSMon
Monitor Voltage for SMon
2.4
V
RPD
Internal Pull-up Resistor
100
K
Ω
BASS CONTROL
CRANGE
Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com