Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASITPV385 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASITPV385
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASITPV385 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASITPV385 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
35
V
BVCER
IC = 50 mA
RBE = 10
60
V
BVCBO
IC = 50 mA
65
V
BVEBO
IE = 10 mA
4.0
V
hFE
VCE = 5.0 V
IC = 1.0 A
20
100
---
Cob
VCB = 30 V
f = 1.0 MHz
65
85
pF
GP
IMD1
VCE = 28 V
Pout = 14 W
f = 225 MHz
14
15
-53
dB
dB
ψ
ψ
ψ
ψ
VCE = 28 V
ALL PHASEANGLES
f = 225 MHz
Pout = 14 W
LOAD
VSWR =
∝:1
NO DEGRADATION IN OUTPUT POWER
NPN SILICON RF POWER TRANSISTOR
TPV385
DESCRIPTION:
The ASI
TPV385 is Designed for
Operation in Band III TV Transposers
and Transmitter Amplifiers from
170 to 230 MHz.
FEATURES INCLUDE:
•••• Gold Metalization
• Emitter Ballast Resistors
• Internal Input Matching
• Common Emitter
MAXIMUM RATINGS
IC
10 A (CONT)
VCB
65 V
VCE
35 V
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
1.5 °C/W
PACKAGE STYLE 500 6L FLG
1 = COLLECTOR
2 = BASE
3 & 4 = EMITTER


Similar Part No. - ASITPV385

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASITPV376 ASI-ASITPV376 Datasheet
67Kb / 2P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASITPV385

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com