Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CX11364 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CX11364
Description  ~40째 x 12째 oval beam optimized for LUXEON Rebel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CX11364 Datasheet(HTML) 1 Page - Ledil, Inc.

  CX11364 Datasheet HTML 1Page - Ledil, Inc. CX11364 Datasheet HTML 2Page - Ledil, Inc. CX11364 Datasheet HTML 3Page - Ledil, Inc. CX11364 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CX11364_LAURA-O
LAURA-O
~40° x 12° oval beam optimized for LUXEON
Rebel.
Assembly
with
white
holder
and
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 x 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
3240 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-O
Lens
PMMA
clear
ROSE-HLD-RE-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 01/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CX11364

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
~30째 medium beam optimized for LUXEON Rebel
CX11359 LEDIL-CX11359 Datasheet
1Mb / 4P
~15째 diffused spot beam optimized for LUXEON Rebel
More results

Similar Description - CX11364

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13180 LEDIL-CA13180 Datasheet
2Mb / 4P
~60째 x 40째 oval beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA11640 LEDIL-CA11640 Datasheet
2Mb / 4P
~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.5 mm high assembly with installation tape.
FCN11106 LEDIL-FCN11106 Datasheet
1Mb / 4P
~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.3 mm high assembly
CA11973 LEDIL-CA11973 Datasheet
4Mb / 4P
~40째 x 12째 oval beam optimized for Nichia 19.
CA13272 LEDIL-CA13272 Datasheet
2Mb / 4P
Oval beam for wall washing optimized for LUXEON Rebel
CP12635 LEDIL-CP12635 Datasheet
5Mb / 5P
~40째 x 12째 oval beam
CX12568 LEDIL-CX12568 Datasheet
1Mb / 4P
~40째 wide beam optimized for LUXEON Rebel.
CA12858 LEDIL-CA12858 Datasheet
3Mb / 4P
~40째 x 15째 oval beam optimized for LUXEON M and MX
CA12815 LEDIL-CA12815 Datasheet
6Mb / 8P
~13째 x 45째 oval beam optimized for Luxeon Rebel
CA12012 LEDIL-CA12012 Datasheet
2Mb / 9P
~40째 x 12째 oval beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com