Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UC3383L-32-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC3383L-32-AB3-R
Description  PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3383L-32-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UC3383L-32-AB3-R Datasheet HTML 1Page - Unisonic Technologies UC3383L-32-AB3-R Datasheet HTML 2Page - Unisonic Technologies UC3383L-32-AB3-R Datasheet HTML 3Page - Unisonic Technologies UC3383L-32-AB3-R Datasheet HTML 4Page - Unisonic Technologies UC3383L-32-AB3-R Datasheet HTML 5Page - Unisonic Technologies UC3383L-32-AB3-R Datasheet HTML 6Page - Unisonic Technologies UC3383L-32-AB3-R Datasheet HTML 7Page - Unisonic Technologies UC3383L-32-AB3-R Datasheet HTML 8Page - Unisonic Technologies UC3383L-32-AB3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UC3383
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
2 of 14
www.unisonic.com.tw
QW-R502-032.L
M ARK I N G I N FORM AT I ON
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
SOT-89
20:2.0V
25:2.5V
26:2.6V
27:2.7V
28:2.8V
30:3.0V
31:3.1V
32:3.2V
33:3.3V
36:3.6V
37:3.7V
40:4.0V
45:4.5V
50:5.0V
PI N DESCRI PT I ON
PIN NO.
SOT-25
SOT-89
PIN NAME
FUNCTION
1
-
CE
Chip Enable
2
2
VOUT
Output voltage monitor, IC internal power supply
3
-
NC
No Connection
4
1
VSS
Ground
5
3
Lx
Switch
BLOCK DI AGRAM
2 step PFM Control
OSC 100/180kHz
Chip Enable
VLx limiter
VREF
+
-
+
-
CE
Lx
Note: The CE pin is only used with the 5-Lead Package.
UTC UC3383 VDD is internally connected to the VOUT pin.
VOUT
VSS
VDD
~5mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com