Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS501A Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS501A
Description  LOCO PLL CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS501A Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS501A Datasheet HTML 1Page - Integrated Device Technology ICS501A Datasheet HTML 2Page - Integrated Device Technology ICS501A Datasheet HTML 3Page - Integrated Device Technology ICS501A Datasheet HTML 4Page - Integrated Device Technology ICS501A Datasheet HTML 5Page - Integrated Device Technology ICS501A Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET
LOCO™ PLL CLOCK MULTIPLIER
I CS5 0 1 A
IDT® LOCO™ PLL CLOCK MULTIPLIER
1
ICS501A
REV H 113011
Description
The ICS501A LOCOTM is the most cost effective way to
generate a high quality, high frequency clock output
from a lower frequency crystal or clock input. The name
LOCO stands for Low Cost Oscillator, as it is designed
to replace crystal oscillators in most electronic
systems. Using Phase-Locked Loop (PLL) techniques,
the device uses a standard fundamental mode,
inexpensive crystal to produce output clocks up to 200
MHz.
Stored in the chip’s ROM is the ability to generate nine
different multiplication factors, allowing one chip to
output many common frequencies (see table on page
2).
The device also has an output enable pin which
tri-states the clock output when the OE pin is taken low.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined or guaranteed.
For applications which require defined input to output
skew, use the ICS570B.
Features
Packaged as 8-pin SOIC (Pb-free) or die
IDT’s lowest cost PLL clock
Zero ppm multiplication error
Input crystal frequency of up to 27 MHz
Input clock frequency of up to 50 MHz
Output clock frequencies up to 200 MHz
Extremely low jitter of 25 ps (one sigma)
Compatible with all popular CPUs
Duty cycle of 45/55 up to 200 MHz
Nine selectable frequencies
Operating voltage of 3.3 V
Tri-state output for board level testing
25 mA drive capability at TTL levels
Ideal for oscillator replacement
Optimized for output frequencies of up to 200 MHz
(166 MHz maximum for industrial temperature
version)
Industrial temperature version available
Advanced, low power CMOS process
Block Diagram
CLK
PLL Clock
M ultiplier
Circuitry
and ROM
Crystal or
Clock input
GND
OE
VDD
Crystal
Oscillator
S1:0
X1/ICLK
X2
Optional crystal capacitors
2


Similar Part No. - ICS501A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501A ICST-ICS501A Datasheet
111Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501A IDT-ICS501A Datasheet
176Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS501A RENESAS-ICS501A Datasheet
215Kb / 7P
LOCO™ PLL CLOCK MULTIPLIER
REV H 11301
logo
Integrated Circuit Syst...
ICS501A-DPK ICST-ICS501A-DPK Datasheet
111Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
ICS501A-DWF ICST-ICS501A-DWF Datasheet
111Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
More results

Similar Description - ICS501A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com