Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RU1HP60S-R Datasheet(PDF) 3 Page - Ruichips Semiconductor Co., Ltd

Part # RU1HP60S-R
Description  P-Channel Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU1HP60S-R Datasheet(HTML) 3 Page - Ruichips Semiconductor Co., Ltd

  RU1HP60S-R Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU1HP60S-R Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RU1HP60S
Od i
d M ki
I f
ti
Device
Marking
Package
Packaging Quantity Reel Size Tape width
RU1HP60S
RU1HP60S
TO263
Tube
50
-
-
RU1HP60S-R
RU1HP60S
TO263
Tape&Reel
800
13’’
24mm
Ordering and Marking Information
Ruichips Semiconductor Co., Ltd
Rev. B– AUG., 2014
3
www.ruichips.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com