Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSL54F Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SSL54F
Description  Surface Mount Low VF Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SSL54F Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SSL54F Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SSL54F Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SSL54F Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage - 20 to 60V
Forward Current - 5.0A
FEATURES
Metal silicon junction, majority carrier conduction
• For surface mounted applications
• Low power loss, high efficiency
• High forward surge current capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Absolute Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
25
°C
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMAF and symbol
1
2
MECHANICAL DATA
pprox. Weight:
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
• A
27mg 0.00086oz
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
1)
Typical Junction Capacitance
40
V
28
V
V
5.0
-55 ~ +125
A
A
V
mA
pF
°C
Units
40
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 5 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
SSL54F
SSL56F
T = 25
°C
a
T =100
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
Tj
Symbols
Tstg
Storage Temperature Range
60
42
60
0.55
800
-55 ~ +150
°C
1.0
50
500
2)
55
Typical Thermal Resistance
RθJA
°C/W
1)
Measured at 1MHz and applied reverse voltage of 4 V D.C.
2)
P.C.B. mounted with 0.2 X 0.2" (5 X 5 mm) copper pad areas.
150
0.45
http://www.trr-jx.com
version: 02
SSL54F THRU SSL56F
Surface Mount Low VF Schottky Rectifiers


Similar Part No. - SSL54F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SSL54F YFWDIODE-SSL54F Datasheet
195Kb / 3P
Surface MountSchottky Barrier Rectifier
SSL54F YFWDIODE-SSL54F Datasheet
507Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Foshan Blue Rocket Elec...
SSL54F FOSHAN-SSL54F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 60 V, Forward Current:5.0A ,SMAF
logo
DONGGUAN YOU FENG WEI E...
SSL54F YFWDIODE-SSL54F Datasheet
460Kb / 3P
Surface Mount Schottky Barrier Rectifier
SSL54F-SMAF YFWDIODE-SSL54F-SMAF Datasheet
490Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSL54F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SL12 JUXING-SL12 Datasheet
992Kb / 2P
Surface Mount Low VF Schottky Rectifiers
DSK24L JUXING-DSK24L Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SS14L JUXING-SS14L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS34L JUXING-SS34L_18 Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L JUXING-SS54L_18 Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L_18 JUXING-SS54L_18_01 Datasheet
2Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS545LF JUXING-SS545LF Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SSL545BF JUXING-SSL545BF Datasheet
806Kb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK12L JUXING-DSK12L_19 Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK34L JUXING-DSK34L_V01 Datasheet
809Kb / 3P
Surface Mount Low VF Schottky Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com