Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SIM6880M Datasheet(PDF) 21 Page - Sanken electric

Part # SIM6880M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6880M Datasheet(HTML) 21 Page - Sanken electric

Back Button SIM6880M Datasheet HTML 17Page - Sanken electric SIM6880M Datasheet HTML 18Page - Sanken electric SIM6880M Datasheet HTML 19Page - Sanken electric SIM6880M Datasheet HTML 20Page - Sanken electric SIM6880M Datasheet HTML 21Page - Sanken electric SIM6880M Datasheet HTML 22Page - Sanken electric SIM6880M Datasheet HTML 23Page - Sanken electric SIM6880M Datasheet HTML 24Page - Sanken electric SIM6880M Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
21
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
COM1
VBB
LS3A
LS2
LS1
COM2
VDC
RS1
RS2
RS3
CDC
CS
OCP
11
1
2
28
16
6
Create a single-point
ground (a star ground)
near RSx, but keep it
separated from the
power ground.
Connect COM1 and
COM2 on a PCB.
U1
Figure 12-5.
Connections to Logic Ground
12.2.5
HIN1, HIN2, and HIN3;
LIN1, LIN2, and LIN3
These are the input pins of the internal motor drivers
for each phase. The HINx pin acts as a high-side
controller; the LINx pin acts as a low-side controller.
Figure 12-6 shows an internal circuit diagram of the
HINx or LINx pin. This is a CMOS Schmitt trigger
circuit with a built-in 20 k
Ω pull-down resistor, and its
input logic is active high.
Input signals across the HINx–COMx and the LINx–
COMx pins in each phase should be set within the
ranges provided in Table 12-1, below. Note that dead
time setting must be done for HINx and LINx signals
because the IC does not have a dead time generator.
The higher PWM carrier frequency rises, the more
switching loss increases. Hence, the PWM carrier
frequency must be set
so that operational case
temperatures and junction temperatures have sufficient
margins against the absolute maximum ranges, specified
in Section 1.
If the signals from the microcontroller become
unstable, the IC may result in malfunctions. To avoid
this event, the outputs from the microcontroller output
line should not be high impedance.
Also, if the traces from the microcontroller to the
HINx or LINx pin (or both) are too long, the traces may
be interfered by noise. Therefore, it is recommended to
add an additional filter or a pull-down resistor near the
HINx or LINx pin as needed (see Figure 12-7).
Here are filter circuit constants for reference:
- RIN1x: 33
Ω to 100 Ω
- RINx: 1 k
Ω to 10 kΩ
- CINx: 100 pF to 1000 pF
Care should be taken when adding RIN1x and RIN2x to
the traces. When they are connected each other, the
input voltage of the HINx and LINx pins becomes
slightly
lower
than
the
output
voltage
of
the
microcontroller.
Table 12-1.
Input Signals for HINx and LINx Pins
Parameter
High Level Signal
Low Level Signal
Input
Voltage
3 V < VIN < 5.5 V
0 V < VIN < 0.5 V
Input
Pulse
Width
≥0.5 μs
≥0.5 μs
PWM
Carrier
Frequency
≤20 kHz
Dead
Time
≥1.5 μs
HINx
(LINx)
COM1
(COM2)
5 V
2 k
Ω
20 k
Ω
U1
2 k
Ω
Figure 12-6.
Internal Circuit Diagram of HINx or
LINx Pin
RIN1x
RIN2x
CINx
U1
Input
signal
Controller
HINx/
LINx
SIM68xxM
Figure 12-7.
Filter Circuit for HINx or LINx Pin
12.2.6
VBB
This is the input pin for the main supply voltage, i.e.,
the positive DC bus. All of the IGBT collectors (power
MOSFET drains) of the high-side are connected to this
pin. Voltages between the VBB and COMx pins should
be set within the recommended range of the main supply
voltage, VDC, given in Section 2.
To suppress
surge voltages, put a 0.01 μF to 0.1 μF
bypass capacitor, CS, near the VBB pin and an
electrolytic capacitor, CDC, with a minimal length of
PCB traces to the VBB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com