Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

J599 Datasheet(PDF) 1 Page - NEC

Part # J599
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

J599 Datasheet(HTML) 1 Page - NEC

  J599 Datasheet HTML 1Page - NEC J599 Datasheet HTML 2Page - NEC J599 Datasheet HTML 3Page - NEC J599 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©
2000
MOS FIELD EFFECT TRANSISTOR
2SJ599
SWITCHING
P-CHANNEL POWER MOS FET
INDUSTRIAL USE
PRELIMINARY DATA SHEET
Document No.
D14644EJ1V0DS00 (1st edition)
Date Published
November 2000 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The 2SJ599 is P-channel MOS Field Effect Transistor designed
for solenoid, motor and lamp driver.
FEATURES
• Low on-state resistance:
RDS(on)1 = 75 m
Ω MAX. (VGS = –10 V, ID = –10 A)
RDS(on)2 = 111 m
Ω MAX. (VGS = –4.0 V, ID = –10 A)
• Low Ciss: Ciss = 1300 pF TYP.
• Built-in gate protection diode
• TO-251/TO-252 package
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
–60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
+20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
+20
A
Drain Current (pulse)
Note1
ID(pulse)
+50
A
Total Power Dissipation (TC = 25°C)
PT
35
W
Total Power Dissipation (TA = 25°C)
PT
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
–20
A
Single Avalanche Energy
Note2
EAS
40
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, RG = 25
Ω, VGS = –20 V ¡ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SJ599
TO-251
2SJ599-Z
TO-252
(TO-251)
(TO-252)


Similar Part No. - J599

ManufacturerPart #DatasheetDescription
logo
NEC
J598 NEC-J598 Datasheet
154Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET
More results

Similar Description - J599

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com