Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LFSPXO018041 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # LFSPXO018041
Description  Crystal Clock Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

LFSPXO018041 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  LFSPXO018041 Datasheet HTML 1Page - IQD Frequency Products Ltd LFSPXO018041 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No. + Packaging: LFSPXO018041Bulk
Crystal Clock Oscillator Specification
Outline (mm)
Test Circuit
Description
Standard 7 x 5mm crystal oscillator
Ceramic package with a seam sealed metal lid, hermetically
sealed
CFPS-73
Model
Model Issue number
12
Frequency Parameters
Frequency
4.0MHz
Frequency Stability
±50.00ppm
0.00 to 70.00°C
Operating Temperature Range
Ageing
±3ppm per year max
Electrical Parameters
3.3V ±10%
Supply Voltage
7.00mA
Current Draw
Output Details
Output Compatability
HCMOS
Drive Capability
50pF max
10.0ns max
Rise and Fall Time
45/55
Duty Cycle
Output Control
Logic ‘1’ (>70% VS) to pad 1 enables oscillator output
Logic ‘0’ (<30% VS) to pad 1 disables oscillator output; the
oscillator output goes to the high impedance state
No connection to pad 1 enables oscillator output
Standby Current: 10µA max
Noise Parameters
Phase Noise @125MHz (typical):
10Hz
-54dBc
100Hz -92dBc
1kHz
-130dBc
10kHz -149dBc
100kHz -159dBc
1MHz
-163dBc
RMS Phase Jitter @125MHz: 52fs typical
Environmental Parameters
Shock: MIL-STD-202, Method 213, Condition E
Vibration: MIL-STD-883, Method 2007, Condition A
Storage Temperature Range: -55 to 125°C
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
Alternative packing option available
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com
Page 1 of 2


Similar Part No. - LFSPXO018041

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
LFSPXO018041 WURTH-LFSPXO018041 Datasheet
1Mb / 2P
Crystal Clock Oscillator Specification
V1.0025
More results

Similar Description - LFSPXO018041

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO019928 IQD-LFSPXO019928 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020088 IQD-LFSPXO020088 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020184 IQD-LFSPXO020184 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020465 IQD-LFSPXO020465 Datasheet
1,023Kb / 2P
Crystal Clock Oscillator
LFSPXO056218 IQD-LFSPXO056218 Datasheet
139Kb / 1P
Crystal Clock Oscillator
LFSPXO056220 IQD-LFSPXO056220 Datasheet
138Kb / 1P
Crystal Clock Oscillator
LFSPXO056245 IQD-LFSPXO056245 Datasheet
229Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com