Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAA110LS Datasheet(PDF) 1 Page - IXYS Corporation

Part # PAA110LS
Description  Dual Single-Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA110LS Datasheet(HTML) 1 Page - IXYS Corporation

  PAA110LS Datasheet HTML 1Page - IXYS Corporation PAA110LS Datasheet HTML 2Page - IXYS Corporation PAA110LS Datasheet HTML 3Page - IXYS Corporation PAA110LS Datasheet HTML 4Page - IXYS Corporation PAA110LS Datasheet HTML 5Page - IXYS Corporation PAA110LS Datasheet HTML 6Page - IXYS Corporation PAA110LS Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA110L-R06
1
PAA110L
Dual Single-Pole
OptoMOS® Relays
e3
Pb
Part #
Description
PAA110L
8-Pin DIP (50/Tube)
PAA110PL
8-Pin Flatpack (50/Tube)
PAA110PLTR
8-Pin Flatpack (1000/Reel)
PAA110LS
8-Pin Surface Mount (50/Tube)
PAA110LSTR
8-Pin Surface Mount (1000/Reel)
Parameters
Ratings
Units
Load Voltage
400
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
25
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
PAA110L is a dual 400V, 150mA, 25
 1-Form-A
(normally open) relay. This performance leader
provides high peak load voltage handling capability
and improved peak load current handling. Integrated
current-limiting circuitry limits current to 280mA at
room temperature.
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket
Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized Component: File # E76270
CSA Certified Component: File # 1175739
EN/IEC 60950-1 Compliant
Current Limiting
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
100% Solid State
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Small 8-Pin DIP Package
Machine Insertable, Wave Solderable
Surface Mount and Tape Reel Version Available.
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
AC/DC Configuration
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - PAA110LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA110LS CLARE-PAA110LS Datasheet
151Kb / 7P
DUAL POLE OptoMOS Relay
logo
Littelfuse
PAA110LS LITTELFUSE-PAA110LS Datasheet
222Kb / 7P
400V, 150mA Dual Single-Pole
11/18/2025
logo
Clare, Inc.
PAA110LSTR CLARE-PAA110LSTR Datasheet
151Kb / 7P
DUAL POLE OptoMOS Relay
logo
Littelfuse
PAA110LSTR LITTELFUSE-PAA110LSTR Datasheet
222Kb / 7P
400V, 150mA Dual Single-Pole
11/18/2025
More results

Similar Description - PAA110LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
PAA190 CLARE-PAA190 Datasheet
182Kb / 6P
Dual Single Pole OptoMOS Relays
PAA191 CLARE-PAA191 Datasheet
253Kb / 6P
Dual Single Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA100 IXYS-LAA100_12 Datasheet
133Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
PAA132 IXYS-PAA132 Datasheet
131Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com