Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

8V41N012 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 8V41N012
Description  Clock Generator for Cavium Processors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8V41N012 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 8V41N012 Datasheet HTML 4Page - Integrated Device Technology 8V41N012 Datasheet HTML 5Page - Integrated Device Technology 8V41N012 Datasheet HTML 6Page - Integrated Device Technology 8V41N012 Datasheet HTML 7Page - Integrated Device Technology 8V41N012 Datasheet HTML 8Page - Integrated Device Technology 8V41N012 Datasheet HTML 9Page - Integrated Device Technology 8V41N012 Datasheet HTML 10Page - Integrated Device Technology 8V41N012 Datasheet HTML 11Page - Integrated Device Technology 8V41N012 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
©2016 Integrated Device Technology, Inc.
Revison C, November 2, 2016
8V41N012 Datasheet
Table 6. Input Frequency Characteristics,
VDD = VDDO_Q[A:E] = VDDO_QF = 3.3V ± 5%; VDDO_QG = VDDO_QREF = 3.3V ± 5% or 2.5V ± 5%, TA = -40°C to 85°C
AC Electrical Characteristics
Table 7A. PCI Express Jitter Specifications, VDD = VDDO_Q[A:E] = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions. For additional information, refer to the PCI Express Application Note section in the
datasheet.
NOTE 1: Peak-to-Peak jitter after applying system transfer function for the Common Clock Architecture. Maximum limit for PCI Express Gen
1 is 86ps peak-to-peak for a sample size of 106 clock periods.
NOTE 2: RMS jitter after applying the two evaluation bands to the two transfer functions defined in the Common Clock Architecture and
reporting the worst case results for each evaluation band. Maximum limit for PCI Express Generation 2 is 3.1ps RMS for tREFCLK_HF_RMS
(High Band) and 3.0ps RMS for tREFCLK_LF_RMS (Low Band).
NOTE 3: RMS jitter after applying system transfer function for the common clock architecture. This specification is based on the PCI Express
Base Specification Revision 0.7, October 2009 and is subject to change pending the final release version of the specification.
NOTE 4: This parameter is guaranteed by characterization. Not tested in production.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
FIN
Input
Frequency
CLK, nCLK
25
MHz
XTAL_IN,
XTAL_OUT
25
MHz
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
PCIe Industry
Specification
Units
tj
(PCIe Gen 1)
Phase Jitter
Peak-to-Peak;
NOTE 1, 4
ƒ = 100MHz, 25MHz Crystal Input
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
6.97
11.18
86
ps
tREFCLK_HF_RMS
(PCIe Gen 2)
Phase Jitter
RMS; NOTE 2, 4
ƒ = 100MHz, 25MHz Crystal Input
High Band: 1.5MHz - Nyquist
(clock frequency/2)
0.70
1.84
3.10
ps
tREFCLK_LF_RMS
(PCIe Gen 2)
Phase Jitter
RMS; NOTE 2, 4
ƒ = 100MHz, 25MHz Crystal Input
Low Band: 10kHz - 1.5MHz
0.03
0.07
3.0
ps
tREFCLK_RMS
(PCIe Gen 3)
Phase Jitter
RMS; NOTE 3, 4
ƒ = 100MHz, 25MHz Crystal Input
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
0.16
0.49
0.8
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com