Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSA15IM45IB Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSA15IM45IB
Description  High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA15IM45IB Datasheet(HTML) 1 Page - IXYS Corporation

  DSA15IM45IB Datasheet HTML 1Page - IXYS Corporation DSA15IM45IB Datasheet HTML 2Page - IXYS Corporation DSA15IM45IB Datasheet HTML 3Page - IXYS Corporation DSA15IM45IB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DSA15IM45IB
preliminary
Low Loss and Soft Recovery
High Performance Schottky Diode
Single Diode
Schottky Diode Gen ²
2
1
3
Part number
DSA15IM45IB
Backside: cathode
FAV
F
VV
0.63
RRM
15
45
=
V=
V
I=
A
Features / Advantages:
Applications:
Package:
● Very low Vf
● Extremely low switching losses
● Low Irm values
● Improved thermal behaviour
● High reliability circuit operation
● Low voltage peaks for reduced
protection circuits
● Low noise switching
● Rectifiers in switch mode power
supplies (SMPS)
● Free wheeling diode in low voltage
converters
TO-262 (I2Pak)
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
IXYS reserves the right to change limits, conditions and dimensions.
20131030a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - DSA15IM45IB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DSA15IM45IB ISC-DSA15IM45IB Datasheet
281Kb / 2P
Schotty Rectifier Diode
More results

Similar Description - DSA15IM45IB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA30I100PA IXYS-DSA30I100PA Datasheet
86Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB15IM30UC IXYS-DSB15IM30UC Datasheet
150Kb / 5P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB20I15PA IXYS-DSB20I15PA Datasheet
86Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB10I45PM IXYS-DSB10I45PM Datasheet
99Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA10I100PM IXYS-DSA10I100PM Datasheet
99Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA300I45NA IXYS-DSA300I45NA Datasheet
171Kb / 5P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA15IM150UC IXYS-DSA15IM150UC Datasheet
151Kb / 5P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA15IM200UC IXYS-DSA15IM200UC Datasheet
152Kb / 5P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB15IM45IB IXYS-DSB15IM45IB Datasheet
88Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA2I100SB IXYS-DSA2I100SB Datasheet
97Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com