Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MICRF010 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF010
Description  QwikRadio Low-Power UHF Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF010 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF010 Datasheet HTML 2Page - Micrel Semiconductor MICRF010 Datasheet HTML 3Page - Micrel Semiconductor MICRF010 Datasheet HTML 4Page - Micrel Semiconductor MICRF010 Datasheet HTML 5Page - Micrel Semiconductor MICRF010 Datasheet HTML 6Page - Micrel Semiconductor MICRF010 Datasheet HTML 7Page - Micrel Semiconductor MICRF010 Datasheet HTML 8Page - Micrel Semiconductor MICRF010 Datasheet HTML 9Page - Micrel Semiconductor MICRF010 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Micrel
MICRF010
June 2005
6
M9999-063005
(408) 955-1690
Functional Diagram
Figure 1. MICRF010 Block Diagram
Application Information and Function
Description
“MICRF010 Block Diagram” above shows the IC
partitioned into three sections: 1) UHF Downconverter, 2)
OOK Demodulator, 3) Reference and Control. Also shown
in the figure are two external capacitors (CTH, CAGC) and
one timing element, which is usually a crystal. With the
exception of a supply decoupling capacitor and antenna
impedance matching network, these are the only external
components needed by the MICRF010 to assemble a
complete UHF receiver.
For optimal performance it is highly recommended that the
MICRF010 is impedance-matched to the antenna. The
matching network will add an additional two or three
components.
The “SHUT” input is the only control input of the IC. It is
used in polling operation for decreasing DC current
consumption. This input is CMOS compatible and it is
internally pulled-up.
The IF Bandpass Filter Roll-off response of the IF Filter is
5th order, and the demodulator data filter has a 2nd order
response.
Design Steps:
The following steps are the basic design steps for using the
MICRF010 receiver:
1. Select the reference oscillator
2. Select the demodulator filter bandwidth
3. Select the CTH capacitor
4. Select the CAGC capacitor
Step 1: Selecting The Reference Oscillator
All timing and tuning operations on the MICRF010 are
derived from the internal Colpitts reference oscillator.
Timing and tuning is controlled through the REFOSC pin in
one of three ways:
1. Connect a crystal.
2. Drive this pin with an external timing signal.
The specific reference frequency required is related to the
system transmit frequency.
Crystal Selection
The smaller the crystal, the longer it takes for the oscillator
to start from a shutdown operation. If shorter start-up time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com