Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD17NF03LT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD17NF03LT4
Description  N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD17NF03LT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STD17NF03LT4 Datasheet HTML 1Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 2Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 3Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 4Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 5Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 6Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 7Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 8Page - STMicroelectronics STD17NF03LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2006
Rev 3
1/14
14
STD17NF03L
STD17NF03L-1
N-channel 30V - 0.038
Ω - 17A - DPAK/IPAK
STripFET™ II Power MOSFET
General features
■ Exceptional dv/dt capability
■ Low gate charge at 100°C
■ Application oriented characterization
■ 100% avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD17NF03L-1
30V
<0.05
Ω
17A
STD17NF03L
30V
<0.05
Ω
17A
DPAK
3
2
1
1
3
iPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD17NF03L-1
D17NF03L@
IPAK
Tube
STD17NF03LT4
D17NF03L@
DPAK
Tape & reel


Similar Part No. - STD17NF03LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NF03LT4 STMICROELECTRONICS-STD17NF03LT4 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
logo
VBsemi Electronics Co.,...
STD17NF03LT4 VBSEMI-STD17NF03LT4 Datasheet
1,015Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD17NF03LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Oct-2002
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
14-Sep-2005
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET??III Power MOSFET
20-Oct-2006
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
N-channel 30V - 0.038Ω - 17A - DPAK STripFET??II Power MOSFET
27-Jul-2007
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com