Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBRF40100CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRF40100CT
Description  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRF40100CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRF40100CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRF40100CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Schottky Barrier Rectifier
MBRF40100CT
FEATURES
·
With TO-220F packaging
·
High Junction Temperature Capability
·
Low forward voltage drop
·
High current capability
·
Low power loss, high efficiency
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Free-Wheeling diodes
·
Reverse battery protection
·
Center tap configuration
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNI
T
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
100
V
IF(AV)
Average Rectified Forward Current@Tc=135℃
40
A
IFSM
Nonrepetitive Peak Surge Current
(8.3ms single half sine-wave superimposed on
rated load conditions)
280
A
TJ
Junction Temperature
-55~150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - MBRF40100CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF40100CT KERSEMI-MBRF40100CT Datasheet
815Kb / 2P
SCHOTTKY DIODES MODULE TYPE 400A
logo
Sangdest Microelectroni...
MBRF40100CT SMC-MBRF40100CT Datasheet
121Kb / 7P
SCHOTTKY RECTIFIER
logo
First Silicon Co., Ltd
MBRF40100CT FS-MBRF40100CT Datasheet
245Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 40.0 Amperes
logo
SUNMATE electronic Co.,...
MBRF40100CT SUNMATE-MBRF40100CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
MBRF40100CTR SMC-MBRF40100CTR Datasheet
185Kb / 5P
SCHOTTKY RECTIFIER
More results

Similar Description - MBRF40100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com