Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE736E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE736E
Description  42V Input Standoff Voltage, 0.4A Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE736E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE736E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE736E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE736E
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
4
Electrical Characteristics
VIN=VEN=5, TA=25℃
Parameter
Conditions
Min
Typ
Max
Unit
Input Standoff Voltage
42
V
Input Voltage Range
4
38
V
Input UVLO
Rising, Hysteresis=140mV
3.80
V
Input OVP
Rising, Hysteresis=1.3V
38
V
Input Supply Current
VFB=0.85V
0.6
mA
Input Shutdown Current
6
μA
FB Feedback Voltage
0.78
0.80
0.82
V
FB Input Current
0.01
μA
Switching Frequency
75
KHz
Maximum Duty Cycle
90
%
Fold-Back Frequency
VFB=0 V
95
KHz
High side Switch On Resistance
lSW =200mA
550
mΩ
High side Switch Current Limit
0.7
A
SW Leakage Current
VIN=12V,VSW=0,EN=GND
10
μA
EN Input Current
VIN=12V,VEN=5V
1
5
μA
EN Input Low Voltage
Rising, Hysteresis=100mV
0.8
1.1
1.4
V
Thermal Shutdown
Hysteresis=40℃
150
℃
Functional Descriptions
Loop Operation
The ACE736E is a wide input range, high-efficiency, DC-to-DC step-down switching regulator, capable of
delivering up to 0.4A of output current, integrated with a 550mΩ high side MOSFET. It uses a PWM
current-mode control scheme. An error amplifier integrates error between the FB signal and the internal
reference voltage. The output of the integrator is then compared to the sum of a current-sense signal and
the slope compensation ramp. This operation generates a PWM signal that modulates the duty cycle of
the power MOSFETs to achieve regulation for output voltage.
Light Load Operation
Traditionally, a fixed constant frequency PWM DC-DC regulator always switches even when the output
load is small. When energy is shuffling back and forth through the power MOSFETs, power is lost due to
the finite RDSONs of the MOSFETs and parasitic capacitances. At light load, this loss is prominent and
efficiency is therefore very low. ACE735E employs a proprietary control scheme that improves efficiency
in this situation by enabling the device into a power save mode during light load,thereby extending the
range of high efficiency operation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com