Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

5L2503 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5L2503
Description  MicroClock Programmable Clock Generator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5L2503 Datasheet(HTML) 1 Page - Integrated Device Technology

  5L2503 Datasheet HTML 1Page - Integrated Device Technology 5L2503 Datasheet HTML 2Page - Integrated Device Technology 5L2503 Datasheet HTML 3Page - Integrated Device Technology 5L2503 Datasheet HTML 4Page - Integrated Device Technology 5L2503 Datasheet HTML 5Page - Integrated Device Technology 5L2503 Datasheet HTML 6Page - Integrated Device Technology 5L2503 Datasheet HTML 7Page - Integrated Device Technology 5L2503 Datasheet HTML 8Page - Integrated Device Technology 5L2503 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
©2017 Integrated Device Technology, Inc.
October 24, 2017
Description
The 5L2503 MicroClock programmable clock generator is
intended for low-power, consumer, wearable and smart devices.
The 5L2503 device is a 3 PLL architecture design. Each PLL is
individually programmable, allowing up to 3 unique frequency
outputs. The 5L2503 has built-in unique features such as
Proactive Power Saving (PPS) to deliver better system level
power management.
An internal OTP memory allows the user to store the configuration
in the device without programming after power-up, and then can
be reprogrammed again through the I2C interface.
The device has programmable VCO and PLL source selection
allowing the user to do power-performance optimization based on
the application requirements. A low-power 32.768kHz clock is
supported with only less than 2μA current consumption for system
RTC reference clock needs.
Typical Applications
SmartDevice
Handheld
Wearable applications
Consumer application crystal replacements
Features
Configurable OE1 pin function as OE, PPS or DFC control
function
Proactive Power Saving (PPS) features save power during the
end device power down mode
Dynamic Frequency Control (DFC) feature allows programming
up to 4 difference frequencies switch dynamically
Spread spectrum clock support to lower system EMI
I2C Interface
Output Features
3 LVCMOS outputs: 1MHz–125MHz
Low Power 32.768kHz clock supported
Wireless clock crystal integration and fan out directly
Key Specifications
2μA operation for RTC clock 32.768kHz output
2.5 × 2.5 mm 12-DFN small form factor package
Block Diagram
Overshoot Reduction
(ORT)
OSC
PLL2
OUT3
OUT2
OUT1
PLL3
OE1
SDA_DFC0/OE2
SEL_DFC/ SCL_DFC1/OE3
OTP memory (1 configuration )
Proactive Power Saving Logic (PPS)
I2C Engine
Dynamic Frequency Control Logic (DFC)
POR
Power
Monitor
VDD1_8
32.768K
DCO
Calibration
VSS
VDDO
PLL1
VSS
Mux
&
Divider
XOUT
CLKIN/ XIN
5L2503
Datasheet
MicroClock Programmable Clock
Generator


Similar Part No. - 5L2503

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5L2503 RENESAS-5L2503 Datasheet
678Kb / 30P
MicroClock Programmable Clock Generator
October 24, 2017
5L2503-000NVGI RENESAS-5L2503-000NVGI Datasheet
678Kb / 30P
MicroClock Programmable Clock Generator
October 24, 2017
5L2503-000NVGI8 RENESAS-5L2503-000NVGI8 Datasheet
678Kb / 30P
MicroClock Programmable Clock Generator
October 24, 2017
More results

Similar Description - 5L2503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
5X2503 IDT-5X2503 Datasheet
414Kb / 30P
MicroClock Programmable Clock Generator
5X1503 IDT-5X1503 Datasheet
397Kb / 28P
MicroClock Programmable Clock Generator
logo
Renesas Technology Corp
5X1503 RENESAS-5X1503 Datasheet
593Kb / 29P
MicroClock Programmable Clock Generator
June 19, 2019
5L1503 RENESAS-5L1503 Datasheet
700Kb / 31P
MicroClock Programmable Clock Generator
December 20, 2021
5X2503 RENESAS-5X2503 Datasheet
681Kb / 31P
MicroClock Programmable Clock Generator
Mar 2020
5L2503 RENESAS-5L2503 Datasheet
678Kb / 30P
MicroClock Programmable Clock Generator
October 24, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com