Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

REM30-2405SW Datasheet(PDF) 2 Page - Recom International Power

Part # REM30-2405SW
Description  30 Watt 4:1 Input 2 x 1 Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM30-2405SW Datasheet(HTML) 2 Page - Recom International Power

  REM30-2405SW Datasheet HTML 1Page - Recom International Power REM30-2405SW Datasheet HTML 2Page - Recom International Power REM30-2405SW Datasheet HTML 3Page - Recom International Power REM30-2405SW Datasheet HTML 4Page - Recom International Power REM30-2405SW Datasheet HTML 5Page - Recom International Power REM30-2405SW Datasheet HTML 6Page - Recom International Power REM30-2405SW Datasheet HTML 7Page - Recom International Power REM30-2405SW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DC/DC Converter
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi type
Input Voltage Range
nom. Vin= 24VDC
9VDC
24VDC
36VDC
nom. Vin= 48VDC
18VDC
48VDC
75VDC
Input Surge Voltage
3 second max.
nom. Vin= 24VDC
50VDC
nom. Vin= 48VDC
100VDC
Under Voltage Lockout
nom. Vin= 24VDC
DC-DC ON
DC-DC OFF
7.8VDC
8.6VDC
nom. Vin= 48VDC
DC-DC ON
DC-DC OFF
15.8VDC
17.4VDC
Quiescent Current
nom. Vin= 24VDC
13mA
nom. Vin= 48VDC
10mA
Output Voltage Trimming
5Vout, 12Vout
-10%
+10%
15Vout, 24Vout
-10%
+20%
Minimum Load
0%
Start-up Time
ON/OFF CTRL
10ms
60ms
Power up
30ms
60ms
Rise Time
5ms
ON/OFF Control (4)
DC-DC ON
Open or 3.5VDC - 12VDC
DC-DC OFF
Short or 0VDC - 1.2VDC
Input Current of CTRL Pin
DC-DC ON
-0.5mA
1mA
Standby Current
DC-DC OFF
2.5mA
Internal Operating Frequency
220kHz
250kHz
300kHz
Output Ripple and Noise (20MHz BW)
with a 10µF X7R/MLCC
5Vout, single and dual
50mVp-p
12 & 15Vout, single and dual
75mVp-p
24Vout single
100mVp-p
with a 4.7µF X7R/MLCC
24Vout Single
100mVp-p
continued on next page
www.recom-power.com
REV.: 0/2018
MED-2
Specifications (measured @ Ta= 25°C, nominal input voltage, full load and after warm-up)
Efficiency vs. Load
REM30-2405SW
REM30-2412SW
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
24Vin
18Vin
12Vin
9Vin
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
24Vin
18Vin
12Vin
9Vin
Notes:
Note4: The ON/OFF control function is positive logic. The pin voltage is referenced to -Vin pin
REM30-W
Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com