Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP5900 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP5900
Description  Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5900 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP5900 Datasheet HTML 1Page - National Semiconductor (TI) LP5900 Datasheet HTML 2Page - National Semiconductor (TI) LP5900 Datasheet HTML 3Page - National Semiconductor (TI) LP5900 Datasheet HTML 4Page - National Semiconductor (TI) LP5900 Datasheet HTML 5Page - National Semiconductor (TI) LP5900 Datasheet HTML 6Page - National Semiconductor (TI) LP5900 Datasheet HTML 7Page - National Semiconductor (TI) LP5900 Datasheet HTML 8Page - National Semiconductor (TI) LP5900 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagrams
4-Bump Thin micro SMD Package, Large Bump
NS Package Number TLA04
20144102
The actual physical placement of the package marking will vary from part to part.
Pin Descriptions
Pin #
Symbol
Name and Function
A1
V
EN
Enable input; disables the regulator when
≤ 0.4V. Enables the
regulator when
≥ 1.2V. An internal 1 MΩ pulldown resistor
connects this input to ground.
B1
GND
Common ground
B2
V
OUT
Output voltage. A 0.47 µF Low ESR capacitor should be connected
to this Pin. Connect this output to the load circuit.
A2
V
IN
Input voltage supply. A 0.47 µF capacitor should be connected at
this input.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com