Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-70B Datasheet(PDF) 4 Page - CUI INC

Part # VOF-70B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-70B Datasheet(HTML) 4 Page - CUI INC

  VOF-70B Datasheet HTML 1Page - CUI INC VOF-70B Datasheet HTML 2Page - CUI INC VOF-70B Datasheet HTML 3Page - CUI INC VOF-70B Datasheet HTML 4Page - CUI INC VOF-70B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date 10/16/2018
│ page 4 of 5
CUI Inc
│ SERIES: VOF-70B │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
101.6 x 50.8 x 31.6 (4.0 x 2.0 x 1.24 inch)
mm
weight
152
g
cooling
natural convection
CN100 input connector
CN100 mates with Jowle A3961H02-3P, crimp pin A3961T2P-2C,
or Molex 09-50-3031, crimp pin 2478 series
CN200 output connector
CN200 mates with Jowle A3961H02-4P, crimp pin A3961T2P-2C,
or Molex 09-50-3041, crimp pin 2478 series
MECHANICAL DRAWING
CN100 Connector
PIN
Function
1
AC(L)
2
NP
3
AC(N)
units: mm
tolerance:
X≤30: ±0.25 mm
30<X≤100: ±0.35 mm
100<X≤300: ±0.50 mm
holes: ±0.20 mm
CN200 Connector
PIN
Function
1
+V
2
+V
3
RTN
4
RTN
EFFICIENCY CURVES (CONTINUED)
VOF-70B-48 Efficiency vs. Output Load
(Natural Convection)
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com