Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-70B-24 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-70B-24
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-70B-24 Datasheet(HTML) 1 Page - CUI INC

  VOF-70B-24 Datasheet HTML 1Page - CUI INC VOF-70B-24 Datasheet HTML 2Page - CUI INC VOF-70B-24 Datasheet HTML 3Page - CUI INC VOF-70B-24 Datasheet HTML 4Page - CUI INC VOF-70B-24 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 10/16/2018
page 1 of 5
SERIES: VOF-70B
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-70B-12
12
5.84
70
120
87
VOF-70B-24
24
2.92
70
240
89
VOF-70B-48
48
1.46
70
300
89
Notes:
1. Measured at output within 20 MHz BW, at rated line voltage and output load, with a 10 µF tantalum and a 0.1 µF ceramic capacitor across the output.
2. At 230 Vac.
FEATURES
• safety Class II design
• industry standard 2” x 4” footprint
• no-load power consumption < 0.3 W
• EN 55032 Class B radiated emissions
• 5k meters high altitude operation
PART NUMBER KEY
Base Number
VOF-70B - XX
Output Voltage
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans


Similar Part No. - VOF-70B-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-70B-24 CUI-VOF-70B-24 Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
05/11/2021
More results

Similar Description - VOF-70B-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com