Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OVFSRAC8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVFSRAC8
Description  4-Pin LED Lamp (7.6 mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVFSRAC8 Datasheet(HTML) 2 Page - TT Electronics.

  OVFSRAC8 Datasheet HTML 1Page - TT Electronics. OVFSRAC8 Datasheet HTML 2Page - TT Electronics. OVFSRAC8 Datasheet HTML 3Page - TT Electronics. OVFSRAC8 Datasheet HTML 4Page - TT Electronics. OVFSRAC8 Datasheet HTML 5Page - TT Electronics. OVFSRAC8 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-Pin LED Lamp (7.6 mm)
OVFSxxC8
© TT electronics plc
Issue D
8/2017
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Electrical Specifications
Absolute Maximum Ratings T
A = 25
o C unless otherwise noted
Storage Temperature Range
Blue, Green, Red, Amber, White
-40 ~ +100 °C
Blue, Green, Red, Amber
-40 ~ +100 °C
Operating Temperature Range
White
-40 ~ +95 °C
Reverse Voltage
5 V
Continuous Forward Current
Blue, Green, White
35 mA
Red, Amber
70 mA
Peak Forward Current (10% Duty Cycle, 1 kHz)
Blue, Green, White
100 mA
Red, Amber
200 mA
Power Dissipation
Blue, Green, White
154 mW
Red, Amber
210 mW
Lead Soldering Temperature (3mm from the base of the epoxy bulb)
260° C / 3 sec max
Electrostatic Discharge Classification (JEDE-JESD22-A114F)
Class 2
SYMBOL
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
CONDITIONS
Φv
Luminous Flux
Blue
1650
2500
----
mlm
IF = 30 mA
Green
5500
8500
----
White
3850
7000
----
Red
5500
8000
----
IF = 70 mA
Amber
6600
8000
----
VF
Forward Voltage
Blue & Green
----
3.6
4.4
V
IF = 30 mA
White
----
3.6
4.4
Red, Amber
----
2.5
3.0
IF = 70 mA
IR
Reverse Current
Blue & Green
----
----
100
µA
VR = 5 V
White
Red, Amber
λD
Dominant Wavelength
Blue
460
470
475
nm
IF = 30 mA
Green
515
527
535
Red
620
628
637
IF = 70 mA
Amber
584
591
599
x
Chromaticity Coordinates White
0.2895
IF = 30 mA
y
0.2905
2Θ½H-H
50% Power Angle
Blue & Green
----
70
----
deg
IF = 30 mA
White
----
60
----
Red, Amber
----
100
----
IF = 70 mA
Optical and Electrical Characteristics
(TA = 25° C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com