| Electronic Components Datasheet Search |
|
LTC2000 Datasheet(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC2000 Datasheet(HTML) 2 Page - Analog Devices |
|
2 / 54 page ![]() LTC2000 2 2000fb For more information www.linear.com/LTC2000 TABLE OF CONTENTS Features ..................................................... 1 Applications ................................................ 1 Block Diagram.............................................. 1 Description.................................................. 1 Absolute Maximum Ratings.............................. 3 Pin Configuration .......................................... 3 Order Information.......................................... 4 Electrical Characteristics ................................. 5 Timing Characteristics .................................... 8 Typical Performance Characteristics ................... 9 Pin Functions .............................................. 17 Block Diagram............................................. 18 Timing Diagrams ......................................... 19 Operation................................................... 19 Introduction............................................................ 19 Dual-Port Mode ......................................................20 Single-Port Mode....................................................20 Serial Peripheral Interface (SPI) .............................23 Power-On Reset......................................................23 Power Down ...........................................................23 Reference Operation ...............................................23 Setting the Full-Scale Current................................. 24 DAC Transfer Function ............................................25 Analog Outputs (IOUTP/N)........................................25 DAC Sample Clock (CKP/N) ....................................26 Divided Clock Output (DCKOP/N)............................26 LVDS Data Clock Input (DCKIP/N) ..........................26 LVDS Data Input Ports (DAP/N, DBP/N) .................27 Clock Synchronizer .................................................28 Minimizing Harmonic Distortion .............................30 Measuring LVDS Input Timing Skew.......................30 Measuring Internal Junction Temperature (TJ) .......33 Pattern Generator ...................................................33 SPI Register Summary................................... 34 Applications Information ................................ 35 Sample Start-Up Sequence.....................................35 Output Configurations ...........................................36 Generating the DAC Sample Clock ..........................36 Synchronizing Multiple LTC2000s in Dual-Port Mode ......................................................37 Synchronizing Multiple LTC2000s in Single-Port Mode....................................................40 PCB Layout Considerations .................................... 41 Pin Locations (LTC2000-16) ............................ 46 Pin Locations (LTC2000-14) ............................ 48 Pin Locations (LTC2000-11) ............................ 50 Package Description ..................................... 52 Revision History .......................................... 53 Typical Application ....................................... 54 Related Parts .............................................. 54 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |