Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XRT82D20 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT82D20
Description  SINGLE CHANNEL E1 LINE INTERFACE UNIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82D20 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT82D20 Datasheet HTML 17Page - Exar Corporation XRT82D20 Datasheet HTML 18Page - Exar Corporation XRT82D20 Datasheet HTML 19Page - Exar Corporation XRT82D20 Datasheet HTML 20Page - Exar Corporation XRT82D20 Datasheet HTML 21Page - Exar Corporation XRT82D20 Datasheet HTML 22Page - Exar Corporation XRT82D20 Datasheet HTML 23Page - Exar Corporation XRT82D20 Datasheet HTML 24Page - Exar Corporation XRT82D20 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
XRT82D20
SINGLE CHANNEL LINE INTERFACE UNIT
áç
áç
áç
áç
REV. 1.0.7
19
NOTE: Resistive divider attenuates the input signal by one-
half for both 75
Ω and 120 Ω applications.
FIGURE 15. CAPACITIVELY-COUPLING THE RECEIVE SECTION FOR 120
Ω
Ω
Ω
Ω APPLICATION AND 3.3V SUPPLY
30.1
Ω
60.4
Ω
9.1
Ω
9.1
Ω
2:1
RTIP
RRING
TTIP
TRING
+3.3 V
0.1
µF
TVDD
AVDD
TxLEV
TNEG/CODE
TPOS/TData
TClk
RPOS/RData
RNEG/LCV
RClk
AGND
TGND
10
µF
Rx Input
Tx Output
0.1
µF
0.1
µF
30.1
Ω
R Load
120
Ω
120
Ω Twisted Pair
120
Ω
Signal
Source
120
Ω Twisted Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com