Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PA4863G-S16-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # PA4863G-S16-R
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4863G-S16-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button PA4863G-S16-R Datasheet HTML 4Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 5Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 6Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 7Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 8Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 9Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 10Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 11Page - Unisonic Technologies PA4863G-S16-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PA4863
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
10 of 12
www.unisonic.com.tw
QW-R502-120.E
T Y PI CAL CH ARACT ERI ST I CS(Cont .)
0
10
0
1
40
Output Power vs Load resistance
70
0.8
0.6
0.4
0.2
VDD=5V
f=1kHz
AV=-1
Single Ended
BW<80kHz
1% THD+N
10% THD+N
20
30
50
60
Load Resistance (
Ω)
2
2.5
0
0.7
0.75
Output Power vs Supply Voltage
1.25
Output Power (W)
0.6
0.5
0.4
0.3
0.2
RL=16
Ω
0.5
1
VDD=5V
f=1kHz
THD+N∞1.0%
Bridged Load
BW<80kHz
RL=32
Ω
RL=8
Ω
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com