Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

4840.5212 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4840.5212
Description  4840, Cable, Plug, 5.5 mm, 2-pole, DC Plug/Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4840.5212 Datasheet(HTML) 2 Page - Schurter Inc.

  4840.5212 Datasheet HTML 1Page - Schurter Inc. 4840.5212 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
DC Plug/Socket
4840.5212
https://www.schurter.com /PG12
Appliance inlet
All Variants
Product group
Diameter [mm]
Number of Poles
Terminal
Order Number
DC Plug/Socket
5.5
2-pole
Cable
4840.5212
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
200 Pcs
Mating Inlets/Plugs
Category / Description
DC Plug/Socket Overview complete
4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1210
4840, Cable, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.5210
DC Plug/Socket further types to 4840.5212
Mating Outlets/Connectors
DC Plug/Socket Overview complete
4840, Cable, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.5211
DC Plug/Socket further types to 4840.5212
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com