Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74VCX245 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74VCX245
Description  Low Voltage Bidirectional Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX245 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74VCX245 Datasheet HTML 2Page - ON Semiconductor 74VCX245 Datasheet HTML 3Page - ON Semiconductor 74VCX245 Datasheet HTML 4Page - ON Semiconductor 74VCX245 Datasheet HTML 5Page - ON Semiconductor 74VCX245 Datasheet HTML 6Page - ON Semiconductor 74VCX245 Datasheet HTML 7Page - ON Semiconductor 74VCX245 Datasheet HTML 8Page - ON Semiconductor 74VCX245 Datasheet HTML 9Page - ON Semiconductor 74VCX245 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
5
www.fairchildsemi.com
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
(V)
TA 25qC
Units
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 30 pF, VIH VCC, VIL 0V
1.8
0.3
V
2.5
0.7
3.3
1.0
VOLV
Quiet Output Dynamic Valley VOL
CL 30 pF, VIH VCC, V IL 0V
1.8
0.3
V
2.5
0.7
3.3
1.0
VOHV
Quiet Output Dynamic Valley VOH
CL 30 pF, VIH VCC, V IL 0V
1.8
1.3
V
2.5
1.7
3.3
2.0
Symbol
Parameter
Conditions
TA 25qC
Units
Typical
CIN
Input Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
6.0
pF
CI/O
Input/Output Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
7.0
pF
CPD
Power Dissipation Capacitance
VI 0V or VCC, f 10 MHz, VCC 1.8V, 2.5V or 3.3V
20.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com