Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC4061 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-lon Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4061 Datasheet HTML 2Page - Linear Technology LTC4061 Datasheet HTML 3Page - Linear Technology LTC4061 Datasheet HTML 4Page - Linear Technology LTC4061 Datasheet HTML 5Page - Linear Technology LTC4061 Datasheet HTML 6Page - Linear Technology LTC4061 Datasheet HTML 7Page - Linear Technology LTC4061 Datasheet HTML 8Page - Linear Technology LTC4061 Datasheet HTML 9Page - Linear Technology LTC4061 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4061
6
4061fa
4061 G22
4061 G19
4061 G20
4061 G25
4061 G26
TEMPERATURE (
°C)
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
–50
25
75
–25
0
50
100
4.0
3.5
3.0
2.5
2.0
1.5
900
850
800
750
700
650
600
4.0
3.5
3.0
2.5
2.0
1.5
TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
25
75
–25
0
50
100
TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
25
75
–25
0
50
100
VCC = 5V
VCC = 5V
IACPR = 5mA
VCC = 5V
ICHRG = 5mA
TEMPERATURE (
°C)
–50
900
850
800
750
700
650
600
–25
025
50
4061 G21
75
100
TEMPERATURE (
°C)
–50
70
60
50
40
30
20
10
–25
025
50
4061 G23
75
100
VCC = 5V
EN = VCC
VCC = 4.3V
VCC = 8V
VCC = 5V
4061 G24
VACPR (V)
04
1
2
3
160
140
120
100
80
60
40
20
0
VCC = 5V
VBAT = 4V
TA = –40°C
TA = 25°C
TA = 90°C
VCHRG (V)
0
160
140
120
100
80
60
40
20
0
1
23
4
4061 G27
VCC = 5V
VBAT = 4V
TA = 25°C
TA = –40°C
TA = 90°C
⎯E⎯N Pin Pulldown Resistance vs
Temperature
⎯C⎯/⎯5 Pin Threshold Voltage
(High-to-Low) vs Temperature
⎯C⎯/⎯5 Pin Pulldown Resistance vs
Temperature
⎯C⎯H⎯R⎯G Pin Output Low Voltage vs
Temperature
⎯A⎯C⎯P⎯R Pin Output Low Voltage vs
Temperature
TYPICAL PERFOR
CE CHARACTERISTICS
A
Shutdown Supply Current vs
Temperature and VCC
⎯E⎯N Pin Threshold Voltage
(On-to-Off) vs Temperature
⎯A⎯C⎯P⎯R Pin I-V Curve
⎯C⎯H⎯R⎯G Pin I-V Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com