Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXRFD615X2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXRFD615X2
Description  15 A Dual Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD615X2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXRFD615X2 Datasheet HTML 1Page - IXYS Corporation IXRFD615X2 Datasheet HTML 2Page - IXYS Corporation IXRFD615X2 Datasheet HTML 3Page - IXYS Corporation IXRFD615X2 Datasheet HTML 4Page - IXYS Corporation IXRFD615X2 Datasheet HTML 5Page - IXYS Corporation IXRFD615X2 Datasheet HTML 6Page - IXYS Corporation IXRFD615X2 Datasheet HTML 7Page - IXYS Corporation IXRFD615X2 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
15 A Dual Low-Side RF MOSFET Driver
IXRFD615X2
5
-25
-20
-15
-10
-5
0
-50
0
50
100
Temperature (°C)
Peak Sink Current vs. Temperature
Vcc = 15 V
0
2
4
6
8
10
12
14
16
18
5
10
15
20
25
Vcc Supply Voltage (V)
Peak Source Current vs. Supply Voltage
Rise Time Normalized vs. Temperature
Vcc = 15V
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
Temperature (°C)
Fall Time Normalized vs. Temperature
Vcc = 15V
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
Temperature (°C)
Fig. 14
-25
-20
-15
-10
-5
0
5
10
15
20
25
Vcc Supply Voltage (V)
Peak Sink Current vs. Supply Voltage
Fig. 15
0
2
4
6
8
10
12
14
16
18
20
-50
0
50
100
Temperature (°C)
Peak Source Current vs. Temperature
Vcc = 15 V
Fig. 16
Fig. 17
Fig. 18
Fig. 19



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com