Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IC-MCW Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-MCW
Description  BiSS WATCHDOG FOR RS422 WITH SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MCW Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-MCW Datasheet HTML 5Page - IC-Haus GmbH IC-MCW Datasheet HTML 6Page - IC-Haus GmbH IC-MCW Datasheet HTML 7Page - IC-Haus GmbH IC-MCW Datasheet HTML 8Page - IC-Haus GmbH IC-MCW Datasheet HTML 9Page - IC-Haus GmbH IC-MCW Datasheet HTML 10Page - IC-Haus GmbH IC-MCW Datasheet HTML 11Page - IC-Haus GmbH IC-MCW Datasheet HTML 12Page - IC-Haus GmbH IC-MCW Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
prel
imin
ary
prel
imin
ary
iC-MCW
BiSS WATCHDOG FOR RS422 WITH SPI
Rev A1, Page 9/22
OPERATING REQUIREMENTS: Host Interface, SPI mode
Operating Conditions: VDD = VDDA = 3.0 ... 5.5 V, Tj = -40 ... 125 °C;
Lo Input Level = 0 V, Hi Input Level = VDD, Lo Output Level = 0 V, Hi Output Level = VDD
Capacitive Load at MISO = 20pF
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
I101 tC1
Permissible Cycle Time
100
ns
I102 tW1
Wait Time:
NCS lo → hi to NCS hi → lo
100
ns
I103 tS1
Setup Time:
NCS lo before SCLK lo → hi
50
ns
I104 tP1
Propagation Delay:
MISO stable after NCS hi → lo
50
ns
I105 tP2
Propagation Delay:
MISO hiZ after NCS lo→ hi
50
ns
I106 tH1
Hold Time:
NCS lo after SCLK lo → hi
50
ns
I107 tS2
Setup Time:
MOSI stable before SCLK lo → hi
10
ns
I108 tH2
Hold Time:
MOSI stable after SCLK lo → hi
10
ns
I109 tP4
Propagation Delay:
MISO stable after SCLK hi → lo
47
ns
SCLK
NCS
MOSI
MISO
t
W1
t
S1
t
S2 tH2
t
C1
t
P1
t
P2
t
P4
MSB in
LSB in
MSB out
LSB out
t
H1
Figure 3: SPI Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com