Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MJ13332 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MJ13332
Description  SWITCHMODE SERIES NPN SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ13332 Datasheet(HTML) 1 Page - Mospec Semiconductor

  MJ13332 Datasheet HTML 1Page - Mospec Semiconductor MJ13332 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SWITCHMODE SERIES
NPN SILICON TRANSISTORS
…designed for high-voltage, high-speed, power switching in inductive
circuits where fall time is critical , They are particularly suited for line
operated switchmode applications such as:
* Switching Regulators
* Inverters
* Solenoid and relay drivers
* Motor Controls
* Deflection Circuits
Fast Turn-off Times
400ns Inductive Fall Time –25
oC( Typ )
2.5 us Inductive Storage Time—25
oC( Typ )
Operating Temperature Range –65
oC to +200oC
100
oC performance Specified for:
Reversed Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Leakage Currents
MAXIMUM RATINGS
Rating
Symbol
MJ13332 MJ13333 MJ13334 MJ13335
Unit
Collector-Emitter Voltage
VCEV
650
700
750
800
V
Collector-Emitter Voltage
VCEO
350
400
450
500
V
Emitter-Base Voltage
VEB
6.0
V
Collector Current-Continuous
Peak
IC
ICM
20
30
A
Base Current
IB
10
A
Total Device Dissipation @ TC=25
oC
Derate above 25
oC
PD
275
1.0
Watts
W/
oC
Operating and Storage Junction
Temperature Range
TJ , TSTG
-65 to +200
oC
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance to Case
RθJC
1.0
oC/W
NPN
MJ13332
MJ13333
MJ13334
MJ13335
20 AMPERES
POWER TRANSISTOR
NPN
SILICON
350-500 VOLTS
175
WATTS
TO-3
PIN 1.BASE
2.EMITTER
COLLECTOR(CASE)
MILLIMETERS
DIM
MIN
MAX
A
38.75
39.96
B
19.28
22.23
C
7.96
9.28
D
11.18
12.19
E
25.20
26.67
F
0.92
1.09
G
1.38
1.62
H
29.90
30.40
I
16.64
17.30
J
3.88
4.36
K
10.67
11.18


Similar Part No. - MJ13332

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ13332 ISC-MJ13332 Datasheet
138Kb / 2P
Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
MJ13332 NJSEMI-MJ13332 Datasheet
85Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - MJ13332

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
SWITCHMODE Series NPN Silicon Power Transistors
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com