Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M58WR032FB Datasheet(PDF) 33 Page - STMicroelectronics

Part # M58WR032FB
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M58WR032FB Datasheet HTML 29Page - STMicroelectronics M58WR032FB Datasheet HTML 30Page - STMicroelectronics M58WR032FB Datasheet HTML 31Page - STMicroelectronics M58WR032FB Datasheet HTML 32Page - STMicroelectronics M58WR032FB Datasheet HTML 33Page - STMicroelectronics M58WR032FB Datasheet HTML 34Page - STMicroelectronics M58WR032FB Datasheet HTML 35Page - STMicroelectronics M58WR032FB Datasheet HTML 36Page - STMicroelectronics M58WR032FB Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
33/86
M58WR032FT, M58WR032FB
DUAL OPERATIONS AND MULTIPLE BANK ARCHITECTURE
The
Multiple
Bank
Architecture
of
the
M58WR032FT/B provides flexibility for software
developers by allowing code and data to be split
with 4Mbit granularity. The Dual Operations fea-
ture simplifies the software management of the de-
vice and allows code to be executed from one
bank while another bank is being programmed or
erased.
The Dual operations feature means that while pro-
gramming or erasing in one bank, Read opera-
tions are possible in another bank with zero
latency (only one bank at a time is allowed to be in
Program or Erase mode). If a Read operation is re-
quired in a bank which is programming or erasing,
the Program or Erase operation can be suspend-
ed. Also if the suspended operation was Erase
then a Program command can be issued to anoth-
er block, so the device can have one block in
Erase Suspend mode, one programming and oth-
er banks in Read mode. Bus Read operations are
allowed in another bank between setup and con-
firm cycles of program or erase operations. The
combination of these features means that read op-
erations are possible at any moment.
Tables 11 and 12 show the dual operations possi-
ble in other banks and in the same bank. For a
complete list of possible commands refer to AP-
PENDIX D., COMMAND INTERFACE STATE TA-
BLES.
Table 11. Dual Operations Allowed In Other Banks
Table 12. Dual Operations Allowed In Same Bank
Note: 1. Not allowed in the Block or Word that is being erased or programmed.
2. The Read Array command is accepted but the data output is not guaranteed until the Program or Erase has completed.
Status of bank
Commands allowed in another bank
Read
Array
Read
Status
Register
Read
CFI
Query
Read
Electronic
Signature
Program
Block
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
Yes
Yes
Yes
Yes
Yes
Erasing
Yes
Yes
Yes
Yes
Yes
Program Suspended
Yes
Yes
Yes
Yes
Yes
Erase Suspended
Yes
Yes
Yes
Yes
Yes
Yes
Status of bank
Commands allowed in same bank
Read
Array
Read
Status
Register
Read
CFI Query
Read
Electronic
Signature
Program
Block
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
(2)
Yes
Yes
Yes
Yes
Erasing
(2)
Yes
Yes
Yes
Yes
Program Suspended
Yes(1)
Yes
Yes
Yes
Yes
Erase Suspended
Yes(1)
Yes
Yes
Yes
Yes(1)
––
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com