| Electronic Components Datasheet Search |
|
ST19WP18 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST19WP18 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 5 page ![]() 3/5 ST19WP18 SOFTWARE DESCRIPTION Embedded firmware The ST19WP18 includes fully compliant TCG v1.1b firmware which supports features like cryp- tographic key generation, integrity metrics and se- cure storage. In addition, the product is TCG v1.2 ready and provides support for functions such as Delegation, Transport session and Locality. This TCG v1.1b / v1.2 compliant firmware uses an optimized and flexible software architecture allow- ing the integration of Trusted Computing Frame- work enhancements or implementation of dedicat- ed functions. TCG Software Stack The ST19WP18 provides complete system soft- ware layers, fully compliant with TCG Trusted Software Stack specification. Microsoft WindowsTM 2000/XP operating systems are supported. Please contact ST for a complete list of supported operating systems. The embed- ded firmware plus additional modules bring OEMs a complete TPM solution for their PC platforms. The software stack comprises the following mod- ules: – BIOS Memory Absent driver (MA) – BIOS Memory Present driver (MP) – TPM Device Driver (TDD) – TPM Device Driver Library (TDDL) – TSS Core Services (TCS) – TSS Service Provider (TSP) Cryptographic infrastructure interface Secure and trustworthy functions of the ST19WP18 module are made available to applica- tions through cryptographic Application Program- ming Interfaces (APIs) compliant either to PKCS#11standard or to the MS CAPI specifica- tion. An ST19WP18 ready Cryptographic Service Provider (CSP) can then be used to enhance Op- erating System security policies or applications se- curity plug-ins which take full advantage of the secure TPM functionalities such as sealed stor- age, key generation, signature and encryption. Figure 3. Software Layers Application 1 Application 3 Application 2 MS CAPI CSP PKCS# CSP Cryptographic Infrastructure Interface TSP Interface OS User Mode TSS Service Provider TSS Core Services TPM Device Driver Library TCS Interface TDDL Interface TPM Device Driver ST19WP18 - TPM OS Kernel Mode Hardware ai09876 TPM BIOS MA Driver TPM BIOS MP Driver System Processes User Processes |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |