Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BDS16 Datasheet(PDF) 1 Page - TT Electronics.

Part # BDS16
Description  SILICON PLANAR EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BDS16 Datasheet(HTML) 1 Page - TT Electronics.

  BDS16 Datasheet HTML 1Page - TT Electronics. BDS16 Datasheet HTML 2Page - TT Electronics. BDS16 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR EPITAXIAL
NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 3347
Issue 3
Page 1 of 1
BDS16 / BDS17
High Voltage
Hermetic TO220M (T0-257AB) Isolated Metal Package
Ideally suited for Power Linear, Switching
and general Purpose Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
BDS16
BDS16
BDS16
BDS16
BDS17
BDS17
BDS17
BDS17
VCBO
Collector – Base Voltage (IE = 0)
120V
150V
VCEO
Collector – Emitter Voltage (IB = 0)
120V
150V
VEBO
Emitter – Base Voltage (IC = 0)
5V
IE, IC
Emitter, Collector Current
8A
IB
Base Current
2A
PD
Total Power Dissipation at
TC = 25°C
43.75W
TJ
Junction Temperature Range
+200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJC
Thermal Resistance, Junction To Case
4.0
°C/W


Similar Part No. - BDS16

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDS16 SEME-LAB-BDS16 Datasheet
21Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS16 SEME-LAB-BDS16 Datasheet
47Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD CERAMIC SURFACE MOUNT PACKAGES
logo
Inchange Semiconductor ...
BDS16 ISC-BDS16 Datasheet
136Kb / 2P
isc Silicon NPN Power Transistor
logo
Seme LAB
BDS16SMD SEME-LAB-BDS16SMD Datasheet
21Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS16SMD SEME-LAB-BDS16SMD Datasheet
47Kb / 2P
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD CERAMIC SURFACE MOUNT PACKAGES
More results

Similar Description - BDS16

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com