Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBT35 Datasheet(PDF) 2 Page - Insel Rectifier India Pvt. Ltd.

Part # MBT35
Description  BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

MBT35 Datasheet(HTML) 2 Page - Insel Rectifier India Pvt. Ltd.

  MBT35 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. MBT35 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. MBT35 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INTERNATIONAL
2
www.rectifierindia.com
April 2011
Characteristic Curve
10
0
50
100
150
10
20
30
40
50
Tc, CASE
TEMPERATURE (℃)
0
10
20
30
50
40
IF , INS T AN T ANE O U S F O R W ARD VOL T AG E (V)
0.6
0 .8
1.2
1.0
1.4
1.5
Fig. 1 Forward Current Derating Curve
Fig.2 Typical Forward Characteristics
NUMBER OF CYCLES AT 60 HZ
10
100
0
100
200
300
400
500
0
Fig.3 Max Non-Repetitive Peak Surge Current
CIRCUIT DIAG RAM
MBT 35/16
3 - O BRIDGE RECTIFIER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com