| Electronic Components Datasheet Search |
|
DS3011 Datasheet(PDF) 4 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
DS3011 Datasheet(HTML) 4 Page - TT Electronics. |
|
4 / 6 page ![]() General Purpose Thermocouple © TT electronics plc General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. Issue A 07/2018 Page 4 TT Electronics | Roxspur Measurement & Control 2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521 www.ttelectronics.com | RoxspurSales@ttelectronics.com SKU Description TJSEJ02MP Type J Eyelet T/C with 2 meter cable and Mini Plug TJSEJ02MS Type J Eyelet T/C with 2 meter cable and Mini Socket TJSEJ02SP Type J Eyelet T/C with 2 meter cable and Standard Plug TJSEJ02SS Type J Eyelet T/C with 2 meter cable and Standard Socket TJSEJ02XX Type J Eyelet T/C with 2 meter cable TKFEJ01MP Type K Exposed Junction Glass Fibre T/C with 1 meter cable and Mini Plug TKFEJ01MS Type K Exposed Junction Glass Fibre T/C with 1 meter cable and Mini Socket TKFEJ01SP Type K Exposed Junction Glass Fibre T/C with 1 meter cable and Standard Plug TKFEJ01SS Type K Exposed Junction Glass Fibre T/C with 1 meter cable and Standard Socket TKFEJ01XX Type K Exposed Junction Glass Fibre T/C with 1 meter cable TKFEJ02MP Type K Exposed Junction Glass Fibre T/C with 2 meter cable and Mini Plug TKFEJ02MS Type K Exposed Junction Glass Fibre T/C with 2 meter cable and Mini Socket TKFEJ02SP Type K Exposed Junction Glass Fibre T/C with 2 meter cable and Standard Plug TKFEJ02SS Type K Exposed Junction Glass Fibre T/C with 2 meter cable and Standard Socket TKFEJ02XX Type K Exposed Junction Glass Fibre T/C with 2 meter cable TKFEJ03MP Type K Exposed Junction Glass Fibre T/C with 3 meter cable and Mini Plug TKFEJ03MS Type K Exposed Junction Glass Fibre T/C with 3 meter cable and Mini Socket TKFEJ03SP Type K Exposed Junction Glass Fibre T/C with 3 meter cable and Standard Plug TKFEJ03XX Type K Exposed Junction Glass Fibre T/C with 3 meter cable TKFEJ04MP Type K Exposed Junction Glass Fibre T/C with 4 meter cable and Mini Plug TKFEJ04MS Type K Exposed Junction Glass Fibre T/C with 4 meter cable and Mini Socket TKFEJ04SP Type K Exposed Junction Glass Fibre T/C with 4 meter cable and Standard Plug TKFEJ04SS Type K Exposed Junction Glass Fibre T/C with 4 meter cable and Standard Socket TKFEJ04XX Type K Exposed Junction Glass Fibre T/C with 4 meter cable TKFEJ05MP Type K Exposed Junction Glass Fibre T/C with 5 meter cable and Mini Plug TKFEJ05MS Type K Exposed Junction Glass Fibre T/C with 5 meter cable and Mini Socket TKFEJ05SP Type K Exposed Junction Glass Fibre T/C with 5 meter cable and Standard Plug TKFEJ05SS Type K Exposed Junction Glass Fibre T/C with 5 meter cable and Standard Socket TKFEJ05XX Type K Exposed Junction Glass Fibre T/C with 5 meter cable TKSEJ01MP Type K Eyelet T/C with 1 meter cable and Mini Plug |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |