Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP2007 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP2007
Description  Synchronous PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2007 Datasheet(HTML) 4 Page - Anachip Corp

  AP2007 Datasheet HTML 1Page - Anachip Corp AP2007 Datasheet HTML 2Page - Anachip Corp AP2007 Datasheet HTML 3Page - Anachip Corp AP2007 Datasheet HTML 4Page - Anachip Corp AP2007 Datasheet HTML 5Page - Anachip Corp AP2007 Datasheet HTML 6Page - Anachip Corp AP2007 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP2007
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.0 Apr 1, 2005
4/7
Typical Application Circuit
8
7
6
5
1
2
3
4
D1
Option
VCC
SS/SHDN
FB
DRVP
GND
PHASE
DRVN
Q1
Q2
L1
10uH
C8
470u/16V
C9
Vout=3.2V*
+
-
Vin
+
-
C1
R2
1K
R3
3K*
* Vout = 0.8 x (1+R3/R2)
AP2007
C4
330n
C3
330n
R1
12Ω
V
REF
10n
470u/16V
470u/16V
AF9435
C5
AF9410
C2
0.1u
C6
47n
C7
0.1u
1Ω Option
1Ω Option
R2 1K ~ 10K
≅
(4835)
(4412)
Virtual Frequency Control
Virtual
Frequency
Control
combines
the
advantages of constant frequency and constant
off-time control in a single mode of operation. This
allows fix frequency, precision switching voltage
regulator control with fast transient response and
the smallest solution size. Switch duty cycle can be
adjusted from 0% to 100% on a pulse by pulse basis
when responding to transient conditions. Both 0%
and 100% duty cycle operation can be maintained
for extended periods of time in response to load or
line transients. Figure 1 depicts a simplified
operation
of
the
Virtual
Frequency
Control
technique: The VFC oscillator generates a pulse of
a known duration (VFC_Pulse). The regulator loop
responds by returning a complementary feedback
pulse (FB_Pulse). The FB_Pulse duration is a result
of external conditions such as inductor size, the
voltage across the inductor and the duration of the
VFC_Pulse. A VFC control loop is then formed
whereby the duration of the VFC_Pulse is modified
as a result of the FB_Pulse duration. The VFC loop
arrives at a state of equilibrium, where the operating
frequency remains inherently constant.
GATE
CONTROL
LOGIC
VIRTUAL FREQ
OSCILLATOR
+
-
FB Pulse
VFC Pulse
Vref
ERROR
COMP
V
IN
Lout
Cout
Vout
Rfb1
Rfb2
Figure 1: Virtual Frequency Control Loop-
Synchronous single supply application.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com