Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXIS90 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIS90
Description  Wide-pull VHF/UHF VCXO in connectorized package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS90 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIS90 Datasheet HTML 1Page - Advanced XTAL Products AXIS90 Datasheet HTML 2Page - Advanced XTAL Products AXIS90 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIS90 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261)939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIS90
Rev.: 1
Date: 2016-10-31
Oscillator type:
Wide-pull VHF/UHF VCXO in connectorized package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
500
1500
MHz
Frequency stability
Initial tolerance
±200
ppm
vs. operating temperature
±20
ppm
(Note 2)
vs. supply voltage variation
±10
ppm
VS ±5%
vs. load change
±10
ppm
RL ±10%
Long term (aging) per year
±5
ppm
Frequency adjustment range
Electronic Frequency Control (EFC)
±1500
ppm
(Note 3)
EFC voltage VC
-5
+5
V
EFC slope (∆f / ∆VC)
Negative
EFC non-linearity
±10
%
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load
50
Ω
±10%
Output level
+10
+13
dBm
Harmonics
-30
dBc
Spurious
-80
-60
dBc
Internal PLL
Phase noise
-90
dBc/Hz
@ 1 KHz
Supply voltage VS
11.4
12.0
12.6
V
Current consumption
100
250
mA
Warm-up time @ 25°C
2
min
(Note 4)
Operating temperature range
0
+50
°C
Enclosure (see drawing) (LxWxH)
54x40x19
mm
h = 2.0 mm
Weight
60
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other stabilities over temperature on request
3.
Other tuning characteristics on request
4.
Oscillator is fully compliant after specified warm-up time
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-10
+10
V
VC to GND
Storage Temperature
-55
+105
°C
Ordering Code
Model
Revision
Frequency [MHz]
AXIS90
Rev.1
1000.000
Example: AXIS90_Rev.1 – 1000.000 MHz


Similar Part No. - AXIS90

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS10 AXTAL-AXIS10 Datasheet
55Kb / 2P
SMD VCXO in CO 26 package
2005-06-10
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
AXIS10LN AXTAL-AXIS10LN Datasheet
105Kb / 4P
Low Phase Noise SMD VCXO with HCMOS Output
AXIS135M AXTAL-AXIS135M Datasheet
101Kb / 3P
VCXO in DIL8 package
More results

Similar Description - AXIS90

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F Datasheet
137Kb / 4P
VHF UHF WIDE BAND AMPLIFIER
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
VHF~UHF Wide Band Amplifier
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
VHF~UHF Wide Band Amplifier
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
WIDE BAND VHF/UHF AMPLIFIER
logo
Advanced XTAL Products
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIS80 AXTAL-AXIS80 Datasheet
105Kb / 3P
Wide-pull VHF/UHF VCXO with High Linearity
AXIOM95LP AXTAL-AXIOM95LP Datasheet
129Kb / 5P
VHF OCXO in Low Profile Connectorized Package
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com