Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A3195X Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3195X
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3195X Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3195X Datasheet HTML 1Page - Allegro MicroSystems A3195X Datasheet HTML 2Page - Allegro MicroSystems A3195X Datasheet HTML 3Page - Allegro MicroSystems A3195X Datasheet HTML 4Page - Allegro MicroSystems A3195X Datasheet HTML 5Page - Allegro MicroSystems A3195X Datasheet HTML 6Page - Allegro MicroSystems A3195X Datasheet HTML 7Page - Allegro MicroSystems A3195X Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE OPERATION
These Hall-effect latches are extremely temperature-stable and stress-
resistant sensors especially suited for operation over extended temperature
ranges to +150
°C. Superior high-temperature performance is made possible
through a novel Schmitt trigger circuit that maintains operate and release
point symmetry by compensating for temperature changes in the Hall ele-
ment. Additionally, internal compensation provides magnetic switch points
that become more sensitive with temperature, hence offsetting the usual
degradation of the magnetic field with temperature. The symmetry capability
makes these devices ideal for use in pulse-counting applications where duty
cycle is an important parameter. The four basic devices (3185, 3187, 3188,
and 3189) are identical except for magnetic switch points.
Each device includes on a single silicon chip a voltage regulator, qua-
dratic Hall-voltage generator, temperature compensation circuit, signal
amplifier, Schmitt trigger, and a buffered open-collector output to sink up to
25 mA. The on-board regulator permits operation with supply voltages of 3.8
to 24 volts.
The first character of the part number suffix determines the device
operating temperature range. Suffix ‘E–’ is for -40
°C to +85°C, and suffix
‘L–’ is for -40
°C to +150°C. Three package styles provide a magnetically
optimized package for most applications. Suffix ‘–LT’ is a miniature SOT89/
TO-243AA transistor package for surface-mount applications; suffix ‘–UA’ is
a three-lead ultra-mini-SIP.
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Supply Voltage, VCC ............................ 30 V
Reverse Battery Voltage, VRCC ........... -30 V
Magnetic Flux Density, B ........... Unlimited
Output OFF Voltage, VOUT .................. 30 V
Reverse Output Voltage, VOUT .......... -0.5 V
Continuous Output Current, IOUT ..... 25 mA
Operating Temperature Range, TA
Suffix ‘E–’ ................... -40
°C to +85°C
Suffix ‘L–’ ................. -40
°C to +150°C
Storage Temperature Range,
TS ............................... -65°C to +170°C
FEATURES
s Symmetrical Switch Points
s Superior Temperature Stability
s Operation From Unregulated Supply
s Open-Collector 25 mA Output
s Reverse Battery Protection
s Activate With Small, Commercially Available Permanent Magnets
s Solid-State Reliability
s Small Size
s Resistant to Physical Stress
Pinning is shown viewed from branded side.
Always order by complete part number: the prefix ‘A’ + the basic four-digit
part number + a suffix to indicate operating temperature range +
a suffix to indicate package style, e.g., A3185ELT .
3185 THRU
3189
Dwg. PH-003A
1
V
CC
3
2


Similar Part No. - A3195X

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3195 ALLEGRO-A3195 Datasheet
89Kb / 10P
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
logo
Eaton All Rights Reserv...
A319502 EATON-A319502 Datasheet
999Kb / 8P
Single Row Terminal Blocks
December 2017
A31950203 EATON-A31950203 Datasheet
999Kb / 8P
Single Row Terminal Blocks
December 2017
A31950204 EATON-A31950204 Datasheet
999Kb / 8P
Single Row Terminal Blocks
December 2017
A31950207 EATON-A31950207 Datasheet
999Kb / 8P
Single Row Terminal Blocks
December 2017
More results

Similar Description - A3195X

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3134 ALLEGRO-3134_05 Datasheet
268Kb / 7P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
October 31, 2005
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
APS12200 ALLEGRO-APS12200 Datasheet
1Mb / 16P
High-Temperature Precision Hall-Effect Latches
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
Sensitive Hall Effect Switches for High-Temperature Operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com