| Electronic Components Datasheet Search |
|
TSH93 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH93 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 2 page ![]() Rev 1 May 2005 1/2 2 KITHSEVAL/STDL High-speed operational amplifier evaluation board kit The KITHSEVAL/STDL high-speed operational amplifier evaluation board kit is comprised of: ■ 5 unmounted evaluation boards, ■ a CDROM of documentation, including: – a user manual for the boards, – datasheets for the supported high-speed operational amplifiers. Each evaluation board allows the user to evaluate one operational amplifier at a time. Each evaluation board is generic for a given package and number of channels: ■ The SOT23_SINGLE_HF board supports a single-channel high-speed operational amplifier in the SOT23-5L package. ■ The SO8_SINGLE_HF board supports a single channel high-speed operational amplifier in SO8 package. ■ The SO8_DUAL_HF board supports a dual high-speed operational amplifier in the SO8 package. ■ The S08_S_MULTI board supports a high- speed operational amplifier in the SO8 package for both inverting and non-inverting configurations, dual or single supplies. ■ The SO14_TRIPLE board supports a triple high-speed op-amp in the SO14 package with video application considerations. Each of these evaluation boards is unmounted PCB, and must be mounted with the necessary external components. The choice of these external components depend upon which operational amplifier is being evaluated, as well as the desired evaluation conditions (desired gain, etc.). A layout example is shown for each demoboard in the user manual on the kit’s CD- ROM. The high speed operational amplifiers supported by this evaluation board kit are shown in the table below: Part Number Number of channels Supported Package(s) Part Number Number of channels Supported Package(s) TS613 Dual SO8 TSH110 Single SOT23-5L TS616 Dual SO8 TSH111 Single with standby SO8 TSH70 Single SOT23-5L, SO8 TSH112 Dual SO8 TSH71 Single with standby SO8 TSH113 Triple SO14 TSH72 Dual SO8 TSH310 Single SOT23-5L, SO8 TSH73 Triple SO14 TSH330 Single SO8 TSH80 Single SOT23-5L, SO8 TSH350 Single SOT23-5L, SO8 TSH81 Single with standby SO8 TSH340 Single SOT23-5L, SO8 www.st.com |
Similar Part No. - TSH93 |
|
Similar Description - TSH93 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |