Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LL204 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LL204
Description  DUAL OUTPUT FLASHER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LL204 Datasheet(HTML) 4 Page - Unisonic Technologies

  LL204 Datasheet HTML 1Page - Unisonic Technologies LL204 Datasheet HTML 2Page - Unisonic Technologies LL204 Datasheet HTML 3Page - Unisonic Technologies LL204 Datasheet HTML 4Page - Unisonic Technologies LL204 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LL204
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R121-012.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage, 1 min, pins 5, 9 and 12
VCC
24
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-14
90
Thermal Resistance Junction to Ambient
SOP-14
θJA
120
°C/W
ELECTRICAL CHARACTERISTICS (VCC = 12V, TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VCC
Pins 5, 9, 12
8
18
V
VCC=8V
1.0
Saturation Voltage
VCC=12V
VOUT
RL=82Ω
1.2
V
Clamping Voltage
V12
TA= -20°C ~ 85°C
25.0
27.5
30.0
V
Relay output overvoltage detection (relay
disabled)
V12
TA= -20°C ~ 85°C
18
20
22
V
VCC=9V
11
mV
VCC=13.5V
13
mV
Control signal threshold
VCC
VCC=16V
15
mV
Output current for relay driver
IOUT
Pins 11, 13
300
mA
Relay output reverse current
IOUT
Pins 11, 13
0.1
mA
Supply current, switches open
ICC
Pins 5, 9, 12
10
μA
Relay coil resistance
RL
Start delay
tON
First bright phase
10
ms
Tolerance of control signal threshold
VCC=9V~16V, Pin 8,
TA= -20°C ~ 85°C
-6
+6
%
Temperature coefficient of control signal
Threshold
TCVO
VCC=13.5V, Pin 8
10
μV/K
TOLERANCES (VCC = 12V, TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency determining resistor
R1
6.8
510
kΩ
Frequency determining capacitor
C1
47
μF
Frequency tolerance
f1
Normal flashing, basic frequency f1
excluding the tolerance of R1 and C1
-5
+5
%
f1
Basic frequency f1
47
53
Bright period
f2
Control frequency f2
35
43
%
Frequency increase
f2
Lamp failure
2.15×f1
2.3×f1
Hz
Lamp load
PL
1
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com