Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP3418 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3418
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3418 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3418 Datasheet HTML 3Page - Analog Devices ADP3418 Datasheet HTML 4Page - Analog Devices ADP3418 Datasheet HTML 5Page - Analog Devices ADP3418 Datasheet HTML 6Page - Analog Devices ADP3418 Datasheet HTML 7Page - Analog Devices ADP3418 Datasheet HTML 8Page - Analog Devices ADP3418 Datasheet HTML 9Page - Analog Devices ADP3418 Datasheet HTML 10Page - Analog Devices ADP3418 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP3418
Rev. B | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2
3
1
DRVL
DRVH
IN
Figure 5. DRVH Rise and DRVL Fall Times
2
3
1
DRVL
DRVH
IN
Figure 6. DRVH Fall and DRVL Rise Times
JUNCTION TEMPERATURE (°C)
125
0
25
50
75
100
40
35
30
25
20
VCC = 12V
CLOAD = 3nF
DRVH
DRVL
Figure 7. DRVH and DRVL Rise Times vs. Temperature
JUNCTION TEMPERATURE (°C)
125
0
25
50
75
100
26
24
22
20
18
16
DRVL
DRVH
VCC = 12V
CLOAD = 3nF
Figure 8. DRVH and DRVL Fall Times vs. Temperature
LOAD CAPACITANCE (nF)
5
1234
60
50
40
30
20
10
TA =25°C
VCC = 12V
DRVH
DRVL
Figure 9. DRVH and DRVL Rise Times vs. Load Capacitance
LOAD CAPACITANCE (nF)
5
1234
35
30
25
20
15
10
TA =25°C
VCC = 12V
DRVL
DRVH
Figure 10. DRVH and DRVL Fall Times vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com