Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SWM6-N-USB Datasheet(PDF) 2 Page - CUI INC

Part # SWM6-N-USB
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWM6-N-USB Datasheet(HTML) 2 Page - CUI INC

  SWM6-N-USB Datasheet HTML 1Page - CUI INC SWM6-N-USB Datasheet HTML 2Page - CUI INC SWM6-N-USB Datasheet HTML 3Page - CUI INC SWM6-N-USB Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date 01/24/2018
│ page 2 of 4
CUI Inc
│ SERIES: SWM6-N-USB │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 115 Vac, full load
at 230 Vac, full load
0.6
0.3
A
A
inrush current
at 115 Vac, full load, cold start
at 230 Vac, full load, cold start
30
60
A
A
leakage current
at 240 Vac, 50 Hz
0.1
mA
no load power consumption
at 115/230 Vac, 60/50 Hz
0.1
W
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
±1
%
load regulation
±5
%
start-up time
at 100 Vac, to 90% of rated output voltage
3
s
rise time
at nominal input voltage, full load, from 10% to
90% of output voltage
50
ms
hold-up time
at nominal input voltage, full load
8.3
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
outputshutdown,autorecovery
over current protection
outputshutdown,autorecovery
200
%
short circuit protection
outputshutdown,autorecovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
4,000
Vac
isolation resistance
input to output at 500 Vdc for 3 seconds
50
safetyapprovals
medical: UL/cUL 60601
ITE: PSE
EMI/EMC
FCCPart15BClassB
MTBF
asperMIL-HDBK-217F
100,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
0
40
°C
storage temperature
-20
85
°C
operatinghumidity
non-condensing
10
90
%
storagehumidity
non-condensing
5
90
%
altitude
5,000
m
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com