Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUL654 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUL654
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL654 Datasheet(HTML) 2 Page - STMicroelectronics

  BUL654 Datasheet HTML 1Page - STMicroelectronics BUL654 Datasheet HTML 2Page - STMicroelectronics BUL654 Datasheet HTML 3Page - STMicroelectronics BUL654 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-Case
Max
1.25
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 700 V
VCE = 700 V
Tc = 125
oC
50
500
µA
µA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 400 V
100
µA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
L = 25 mH
400
V
VEBO
Emitter-Base Voltage
(IC = 0)
IE = 10 mA
9
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 2 A
IB = 0.4 A
IC = 7 A
IB = 1.4 A
0.15
0.35
0.3
0.7
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 2 A
IB = 0.4 A
IC = 7 A
IB = 1.4 A
0.85
1
1
1.2
V
V
hFE
∗
DC Current Gain
IC = 10 mA
VCE = 2 V
IC = 2 A
VCE = 2 V
IC = 6 A
VCE = 2 V
IC = 12 A
VCE = 5 V
15
15
7
4
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUL654
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com