Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP03N70P Datasheet(PDF) 1 Page - Advanced Power Technology

Part # AP03N70P
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

AP03N70P Datasheet(HTML) 1 Page - Advanced Power Technology

  AP03N70P Datasheet HTML 1Page - Advanced Power Technology AP03N70P Datasheet HTML 2Page - Advanced Power Technology AP03N70P Datasheet HTML 3Page - Advanced Power Technology AP03N70P Datasheet HTML 4Page - Advanced Power Technology AP03N70P Datasheet HTML 5Page - Advanced Power Technology AP03N70P Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Dynamic dv/dt Rating
BVDSS 600/650/700V
▼ Repetitive Avalanche Rated
RDS(ON)
3.6Ω
▼ Fast Switching
ID
3.3A
▼ Simple Drive Requirement
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
EAR
Repetitive Avalanche Energy
mJ
TSTG
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Value
Unit
Rthj-c
Thermal Resistance Junction-case
Max.
2.8
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
62
℃/W
Data & specifications subject to change without notice
Rating
600/650/700
- /A/H
AP03N70P
3.3
2.1
Storage Temperature Range
-55 to 150
13.2
45
Linear Derating Factor
0.36
Parameter
3.3
Parameter
-55 to 150
85
200303032
3.3
AP03N70 series are specially designed as main switching devices for
universal 90~265VAC off-line AC/DC converter applications.TO-220 type
provide high blocking voltage to overcome voltage surge and sag in the
toughest power system with the best combination of fast
switching,ruggedized design and cost-effectiveness.
The TO-220 package is universally preferred for all commercial-industrial
applications. The device is suited for switch mode power supplies ,DC-
AC converters and high current high speed switching circuits.
± 30
G
D
S
TO-220
G
D
S


Similar Part No. - AP03N70P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP03N70P-A A-POWER-AP03N70P-A Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP03N70P-A VBSEMI-AP03N70P-A Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Advanced Power Electron...
AP03N70P-H A-POWER-AP03N70P-H Datasheet
41Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP03N70P

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com