Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7566 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7566
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7566 Datasheet HTML 10Page - STMicroelectronics TDA7566 Datasheet HTML 11Page - STMicroelectronics TDA7566 Datasheet HTML 12Page - STMicroelectronics TDA7566 Datasheet HTML 13Page - STMicroelectronics TDA7566 Datasheet HTML 14Page - STMicroelectronics TDA7566 Datasheet HTML 15Page - STMicroelectronics TDA7566 Datasheet HTML 16Page - STMicroelectronics TDA7566 Datasheet HTML 17Page - STMicroelectronics TDA7566 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TDA7566
14/19
SOFTWARE SPECIFICATIONS
All the functions of the TDA7566 are activated by I2C interface.
The bit 0 of the "ADDRESS BYTE" defines if the next bytes are write instruction (from
µP to TDA7566) or read
instruction (from TDA7566 to
µP).
Chip Address:
X = 0 Write to device
X = 1 Read from device
If R/W = 0, the
µP sends 2 "Instruction Bytes": IB1 and IB2.
IB1
IB2
D7
D0
1
1011
00
X
D8 Hex
D7
X
D6
Diagnostic enable (D6 = 1)
Diagnostic defeat (D6 = 0)
D5
Offset Detection enable (D5 = 1)
Offset Detection defeat (D5 = 0)
D4
Front Channel
Gain = 26dB (D4 = 0)
Gain = 12dB (D4 = 1)
D3
Rear Channel
Gain = 26dB (D3 = 0)
Gain = 12dB (D3 = 1)
D2
Mute front channels (D2 = 0)
Unmute front channels (D2 = 1)
D1
Mute rear channels (D1 = 0)
Unmute rear channels (D1 = 1)
D0
CD 2% (D0 = 0)
CD 10% (D0 = 1)
D7
X
D6
used for testing
D5
used for testing
D4
Stand-by on - Amplifier not working - (D4 = 0)
Stand-by off - Amplifier working - (D4 = 1)
D3
Power amplifier mode diagnostic (D3 = 0)
Line driver mode diagnostic (D3 = 1)
D2
Current detection diagnostic enabled (D2 = 1)
Current detection diagnostic defeat (D2 = 0)
D1
X
D0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com