Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C5D05170H Datasheet(PDF) 4 Page - Cree, Inc

Part # C5D05170H
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5D05170H Datasheet(HTML) 4 Page - Cree, Inc

  C5D05170H Datasheet HTML 1Page - Cree, Inc C5D05170H Datasheet HTML 2Page - Cree, Inc C5D05170H Datasheet HTML 3Page - Cree, Inc C5D05170H Datasheet HTML 4Page - Cree, Inc C5D05170H Datasheet HTML 5Page - Cree, Inc C5D05170H Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
C5D05170H Rev. 0, 12-2018
Typical Performance
Figure 7. Typical Capacitance Stored Energy
Figure 8. Transient Thermal Impedance
T (Sec)
0
10
20
30
40
50
60
0
500
1000
1500
2000
ReverseVoltage,VR(V)
V
R (V)
1E-3
10E-3
100E-3
1
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
Time, tp (s)
0.5
0.3
0.1
0.05
0.02
0.01
SinglePulse
T (Sec)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com