Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STR-A60XXM Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # STR-A60XXM
Description  Current Mode Control PWM Regulator IC For Switching Power Supplies
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-A60XXM Datasheet(HTML) 3 Page - Allegro MicroSystems

  STR-A60XXM Datasheet HTML 1Page - Allegro MicroSystems STR-A60XXM Datasheet HTML 2Page - Allegro MicroSystems STR-A60XXM Datasheet HTML 3Page - Allegro MicroSystems STR-A60XXM Datasheet HTML 4Page - Allegro MicroSystems STR-A60XXM Datasheet HTML 5Page - Allegro MicroSystems STR-A60XXM Datasheet HTML 6Page - Allegro MicroSystems STR-A60XXM Datasheet HTML 7Page - Allegro MicroSystems STR-A60XXM Datasheet HTML 8Page - Allegro MicroSystems STR-A60XXM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Current Mode Control PWM Regulator IC
For Switching Power Supplies
STR-A60xxM
3
Absolute Maximum Ratings1 Valid at TA = 25°C, unless otherwise specified
Characteristic
Symbol
Notes
Terminals
Rating
Unit
Drain Current2
IDpeak
Single pulse
STR-A6051M
8 – 1
2.5
A
STR-A6052M
8 – 1
3.0
A
STR-A6053M
8 – 1
4.0
A
STR-A6079M
8 – 1
1.2
A
Single Pulse Avalanche Energy3
EAS
Single pulse, VDD = 99 V,
L = 20 mH
STR-A6051M
8 – 1
47
mJ
STR-A6052M
8 – 1
62
mJ
STR-A6053M
8 – 1
86
mJ
STR-A6079M
8 – 1
7
mJ
ILpeak
Single pulse, VDD = 99 V,
L = 20 mH
STR-A6051M
8 – 1
2.0
A
STR-A6052M
8 – 1
2.3
A
STR-A6053M
8 – 1
2.7
A
STR-A6079M
8 – 1
1.2
A
S/OCP Terminal Voltage
VOCP
1 – 3
–2 to 6
V
Controller IC (MIC) Supply Input Voltage
VCC
5 – 3
32
V
FB/OLP Terminal Voltage
VFB
4 – 3
–0.3 to 14
V
FB/OLP Terminal Sink Current
IFB
4 – 3
1.0
mA
BR Terminal Voltage
VBR
2 – 3
–0.3 to 7
V
BR Terminal Sink Current
IBR
2 – 3
1.0
mA
MOSFET Power Dissipation4
PD1
Mounted on a 15 mm × 15 mm PCB
8 – 1
1.35
W
Controller IC (MIC) Power Dissipation
PD2
5 – 3
1.2
W
Operating Ambient Temperature
TOP
Maximum recommended internal leadframe
temperature, TF(max) = 115°C
–20 to 125
°C
Storage Temperature
Tstg
–40 to 125
°C
Channel Temperature
Tch
150
°C
1Current characteristics are defined based on IC as sink ( +), or source ( –).
2Refer to MOSFET Safe Operating Area Curve.
3Refer to MOSFET Avalanche Energy Derating Coefficient Curve.
4Refer to MOSFET Temperature versus Power Dissipation Curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com