Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BMC150 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 17Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 18Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 19Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 20Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 21Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 22Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 23Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 24Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 142 page
background image
Datasheet
eCompass BMC150
Page 21
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
The sleep time for lower-power mode 1 and 2 is set by the (0x11) sleep_dur bits as shown in
the following table:
Table 5: Sleep phase duration settings
(0x11) sleep_dur
Sleep Phase Duration
tSLEEP,a
0000b
0.5ms
0001b
0.5ms
0010b
0.5ms
0011b
0.5ms
0100b
0.5ms
0101b
0.5ms
0110b
1ms
0111b
2ms
1000b
4ms
1001b
6ms
1010b
10ms
1011b
25ms
1100b
50ms
1101b
100ms
1110b
500ms
1111b
1s
The current consumption of the BMC150 accelerometer part in low-power mode 1 (IDDlp1) and
low-power mode 2 (IDDlp2) can be estimated with the following formulae:
a
active
a
sleep
a
DD
a
active
a
DDsum
a
sleep
a
DDlp
t
t
I
t
I
t
I
,
,
,
,
,
,
,
1
a
active
a
sleep
a
DD
a
active
a
DDsbm
a
sleep
a
DDlp
t
t
I
t
I
t
I
,
,
,
,
,
,
,
2
When estimating the length of the wake-up phase tactive, the corresponding typical wake-up time,
tw,up1 or tw,up2 and tut (given in table 5) have to be considered:
If bandwidth is >=31.25 Hz:
tactive = tut + tw,up1 – 0.9 ms (or tactive = tut + tw,up2 – 0.9 ms)
else:
tactive = 4 tut + tw,up1 – 0.9 ms (or tactive = 4 tut + tw,up2 – 0.9 ms)
During the wake-up phase all analog modules are held powered-up, while during the sleep
phase most analog modules are powered down. Consequently, a wake-up time of at least tw,up1
(tw,up2) is needed to settle the analog modules so that reliable acceleration data are generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com